Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 157Page - STMicroelectronics ST72324BK4 Datasheet HTML 158Page - STMicroelectronics ST72324BK4 Datasheet HTML 159Page - STMicroelectronics ST72324BK4 Datasheet HTML 160Page - STMicroelectronics ST72324BK4 Datasheet HTML 161Page - STMicroelectronics ST72324BK4 Datasheet HTML 162Page - STMicroelectronics ST72324BK4 Datasheet HTML 163Page - STMicroelectronics ST72324BK4 Datasheet HTML 164Page - STMicroelectronics ST72324BK4 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 188 page
background image
ST72324B
Electrical characteristics
161/188
12.12
Communication interface characteristics
12.12.1
Serial peripheral interface (SPI)
The following characteristics are ubject to general operating conditions for VDD, fCPU, and TA
unless otherwise specified. The data is based on design simulation and/or characterization
results, not tested in production.
When no communication is on-going the data output line of the SPI (MOSI in master mode,
MISO in slave mode) has its alternate function capability released. In this case, the pin
status depends on the I/O port configuration. Refer to the I/O port characteristics for more
details on the input/output alternate function characteristics (SS, SCK, MOSI, MISO).
Table 110.
SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master fCPU = 8 MHz
fCPU/128 = 0.0625
fCPU/4 = 2
MHz
Slave fCPU = 8 MHz
0
fCPU/2 = 4
tr(SCK)
tf(SCK)
SPI clock rise and fall time
see I/O port pin description
tsu(SS)
(1)
SS setup time(2)
Slave
tCPU +50
ns
th(SS)
(1)
SS hold time
Slave
120
tw(SCKH)
(1)
tw(SCKL)
(1)
SCK high and low time
Master
Slave
100
90
tsu(MI)
(1)
tsu(SI)
(1)
Data input setup time
Master
Slave
100
100
th(MI)
(1)
th(SI)
(1)
Data input hold time
Master
Slave
100
100
ta(SO)
(1)
Data output access time
Slave
0
120
tdis(SO)
(1)
Data output disable time
Slave
240
tv(SO)
(1)
Data output valid time
Slave (after enable edge)
120
th(SO)
(1)
Data output hold time
0
tv(MO)
(1)
Data output valid time
Master (after enable edge)
120
th(MO)
(1)
Data output hold time
0
1.
Data based on design simulation and/or characterization results, not tested in production.
2.
Depends on fCPU. For example, if fCPU = 8 MHz, then tCPU = 1 / fCPU = 125ns and tsu(SS) = 175ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com