Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 160Page - STMicroelectronics ST72324BK4 Datasheet HTML 161Page - STMicroelectronics ST72324BK4 Datasheet HTML 162Page - STMicroelectronics ST72324BK4 Datasheet HTML 163Page - STMicroelectronics ST72324BK4 Datasheet HTML 164Page - STMicroelectronics ST72324BK4 Datasheet HTML 165Page - STMicroelectronics ST72324BK4 Datasheet HTML 166Page - STMicroelectronics ST72324BK4 Datasheet HTML 167Page - STMicroelectronics ST72324BK4 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 188 page
background image
Electrical characteristics
ST72324B
164/188
Figure 84.
RAIN max. vs fADC with CAIN =0pF
(1)
1.
CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus
the pad capacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this,
fADC should be reduced.
Figure 85.
Recommended CAIN and RAIN values
(1)
1.
This graph shows that, depending on the input signal variation (fAIN), CAIN can be increased for
stabilization time and decreased to allow the use of a larger serial resistor (RAIN).
Figure 86.
Typical A/D converter application
tADC
Conversion time (Sample + Hold)
fCPU = 8 MHz, Speed = 0,
fADC =2MHz
7.5
µs
No. of sample capacitor loading cycles
No. of Hold conversion cycles
4
11
1/fADC
1.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
2.
Injecting negative current on adjacent pins may result in increased leakage currents. Software filtering of the converted
analog value is recommended.
Table 111.
10-bit ADC characteristics (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
CAIN
AINx
ST72XXX
VDD
VT
0.6V
VT
0.6V
CADC
12pF
VAIN
RAIN
10-bit A/D
conversion
2k
Ω (max)
Ilkg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com