Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405EP-3LB200CZ Datasheet(PDF) 34 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ Datasheet(HTML) 34 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 38Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
34
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
PerReady
Ready to transfer data.
I
5V tolerant
3.3V LVTTL
1
[PerBLast]
Used to indicates the last transfer of a memory access.
To access this function, software must toggle a DCR bit.
I/O
5V tolerant
3.3V LVTTL
1, 7
PerClk
Peripheral clock to be used by peripheral slaves.
O
5V tolerant
3.3V LVTTL
ExtReset
Peripheral reset to be used by peripheral slaves.
O
5V tolerant
3.3V LVTTL
Internal Peripheral Interface
UART0_Rx
UART0 Serial Data In.
I
5V tolerant
3.3V LVTTL
1
UART0_Tx
UART0 Serial Data Out.
O
5V tolerant
3.3V LVTTL
6
[UART0_DCD]
UART0 Data Carrier Detect.
To access this function, software must toggle a DCR bit.
I
5V tolerant
3.3V LVTTL
1
[UART0_DSR]
UART0 Data Set Ready.
To access this function, software must toggle a DCR bit.
I
5V tolerant
3.3V LVTTL
1
UART0_CTS
UART0 Clear To Send.
I
5V tolerant
3.3V LVTTL
1
[UART0_DTR]
UART0 Data Terminal Ready.
To access this function, software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
UART0_RTS
UART0 Request To Send.
O
5V tolerant
3.3V LVTTL
6
[UART0_RI]
UART0 Ring Indicator.
To access this function, software must toggle a DCR bit.
I
5V tolerant
3.3V LVTTL
1
[UART1_Rx]
UART1 Serial Data In.
To access this function, software must toggle a DCR bit.
I
5V tolerant
3.3V LVTTL
1
[UART1_Tx]
UART1 Serial Data Out.
To access this function, software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
IICSCL
IIC Serial Clock.
I/O
3.3V IIC
1, 2
IICSDA
IIC Serial Data.
I/O
3.3V IIC
1, 2
Interrupts Interface
[IRQ0:6]
Interrupt requests
To access this function, software must toggle a DCR bit.
I
5V tolerant
3.3V LVTTL
1
JTAG Interface
TDI
Test data in.
I
5V tolerant
3.3V LVTTL
1, 4
TMS
JTAG test mode select.
I
5V tolerant
3.3V LVTTL
1, 4
Table 6. Signal Functional Description (Sheet 4 of 6)
Secondary multiplexed signals are shown in brackets.
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 29 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Bus Control Signals” on page 30.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com