Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

405EX Datasheet(PDF) 7 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 7 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 3Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
7
Preliminary Data Sheet
Table 2. DCR Address Map
Function
Start Address (Hex)
End Address (Hex)
Size
Total DCR Address Space1
0x000
0x3FF
1KW (4KB)1
Reserved
000
00B
CPR (Clocking, Power-on Reset)
00C
00D
2W
System DCRs
00E
00F
2W
DDR 1/2 SDRAM Controller
010
011
2W
External Bus Controller (EBC)
012
013
2W
External Bus Master (EBM)
014
015
2W
Reserved
016
01F
PLB4XAHB Bridge
020
02F
16W
Reserved
030
03F
PCI Express 0
040
05F
32W
PCI Express 1
060
07F
32W
PLB4 Arbiter
080
08F
16W
PLB-to-OPB Bridge
090
09F
16W
OPB-to-PLB Bridge
0A0
0A7
8W
Reserved
0A8
0AF
Power Management
0B0
0B2
3W
Reserved
0B3
0BF
UIC 0
0C0
0CF
16W
UIC 1
0D0
0DF
16W
UIC 2
0E0
0EF
16W
Reserved
0F0
0FF
DMA
100
13F
64W
Reserved
140
17F
Ethernet MAL
180
1FF
128W
Reserved
200
3FF
Notes:
1. A DCR address is 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit (word) register, or one kiloword
(KW) (which equals 4KB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com