Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440SPE-RGB667C Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RGB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RGB667C Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RGB667C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
PowerPC 440SPe Embedded Processor
10
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
– 166MHz, maximum 5.2GB/s (simultaneous read and write)
– Processor vs Bus clock ratios of N:1 and N:2
•OPB
– Dynamic bus sizing: 32, 16, and 8-bit data path
– 32-bit address
– 83.33MHz, maximum 333MB/s
• DCR
– Register control bus
– 32-bit data path
– 10-bit address
On-Chip SRAM/L2 Cache
Features include:
• Four banks of 64KB each for a total of 256KB
• Configurable as either L2 cache or SRAM
• Memory cycles supported:
– Single beat read and write, 1 to 16 bytes
– Quadword Read and Write burst for 12-bit master
– Guarded memory accesses on 4KB boundaries
• Sustainable 2.6GB/s peak bandwidth at 166MHz
• Use as an L2 cache improves processor performance and reduces the PLB load
– Cache coherency maintained by a hardware snoop mechanism on the Low Latency (LL) PLB or by
software
– Data Array and Tag Array parity
– Unified data and instruction cache
– Four-way set associative
– 36-bit addressing
– Full LRU replacement algorithm
– Write through, look aside
• Use as Ethernet packet store allows Ethernet packets to be held for processing by the Ethernet core
PCI Express
Features include:
• Three independent PCI Express interfaces
– One 8 lanes
–Two 4 lanes
– 2.5 GB/sec full duplex per lane
• Compliant with PCI Express base specification 1.0a
• Each PCI Express port can be End Point or Root Complex. (Upstream & Downstream)
– Applications compliant with MSI rules are limited to one End Point port per PPC440SPe
• PCI-Express to PCI-Express opaque (Non-Transparent) bridge
• Power Management
• Supports one virtual channel (VC0) no Traffic Class (TC) filtering
• Maximum Payload block size 512 Bytes
• Supports up to 1024 byte maximum Read request size
• Requests supported:
– up to 4 posted outbound Write requests (memory and messages)
– up to 4 posted inbound Write requests
– up to 4 outbound Read requests outstanding on PCI Express
– up to 4 inbound Read requests outstanding on PCI Express
– Outbound I/O request as a PCI Express Root Port
– Inbound I/O request as a PCI Express End Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com