Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440SPE-RGB667C Datasheet(PDF) 17 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RGB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RGB667C Datasheet(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RGB667C Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC440SPE-RGB667C Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
17
Preliminary Data Sheet
Signal Lists
This section contains two tables that list external signals.
Table 3 lists all the external signals in alphabetical order and shows the ball (pin) number on which the signal
appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate
signal(s) in brackets.
In Table 3, multiplexed pins that have no internal signal connected after reset are marked High Z.
Multiplexed signals appear alphabetically multiple times in the list—once for each signal name on the ball. The
page number listed gives the page in “Signal Functional Description” on page 50 where the signals in the indicated
interface group begin.
Table 4 on page 42 lists all the external signals in order by ball (pin) number.
Signal List—Alphabetic Order
Table 3. Signals Listed Alphabetically (Sheet 1 of 25)
Signal Name
Ball
Interface Group
Page
BA0
AE22
DDR SDRAM
52
BA1
AD21
BA2
AE21
BankSel0
AD20
BankSel1
Y18
BankSel2
Y19
BankSel3
W17
CAS
AB22
ClkEn0
Y21
ClkEn1
AA22
ClkEn2
AE25
ClkEn3
AF25
DM0
AD25
DDR SDRAM
52
DM1
V20
DM2
V25
DM3
T25
DM4
J26
DM5
G22
DM6
F24
DM7
C23
DM8
M19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com