Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

451279ASH02EXLL Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 451279ASH02EXLL
Description  1279 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451279ASH02EXLL Datasheet(HTML) 4 Page - Ashcroft, Inc.

  451279ASH02EXLL Datasheet HTML 1Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 2Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 3Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
of 4
4
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™, Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Aminco®,
Halocarbon®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1279_gauge_ds_RevP_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
HOLE IN PANEL
(REAR VIEW)
SHOWING USE OF LEVEL
TO LINE UP SPACER POSTS
WASHER
SPACER POST
(3 REQ’D)
“B” (3 REQ’D)
PANEL
CASE
FIG. 1
MOUNTING
RING
Dial Size
Inches
A
B
C
D
E
F
G
H
J
K
L
T
V
Weight
oz/kg
4½
5.81
[147.6]
3.36
[85.3]
5.07
[128.7]
1.60
[40.6]
5.375
[137]
1.62
[41.2]
3.92
[99.6]
0.73
[18.4]
0.94
[23.9]
2.62
[66.7]
0.218
[5.5]
0.62
[15.7]
2.62
[66.7]
2.5 (Dry)
3.5 (L.F.)
Gauge Size
Inches
Ring
O.D.
"A" DIA. "B" Size of
3 Screws
"C" Size of
Washers
4½
6
[152]
5.625
[148]
#10-24 x 15
⁄8 7⁄16 x 17⁄64 x 5⁄8
1278M Series Flush Mounting Ring
1278M Series Flush Mounting Ring. Used to flush mount gauge case
1279(*)S. Black finish (STD.); Polished SS finish (OPT.)
DIMENSIONS in [ ] are millimeters
For reference only, consult Ashcroft for specific dimensional drawings
K
B
J
D
C
A
G
T
3-
L dia. holes
on
E dia.
bolt circle
F
H
T
1
/4 NPT or 1/2 NPT
V
1279 Duragauge® Pressure Gauge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com