Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

451279ASH02EXLL Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 451279ASH02EXLL
Description  1279 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451279ASH02EXLL Datasheet(HTML) 1 Page - Ashcroft, Inc.

  451279ASH02EXLL Datasheet HTML 1Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 2Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 3Page - Ashcroft, Inc. 451279ASH02EXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
of 4
1
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™, Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Aminco®,
Halocarbon®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1279_gauge_ds_RevP_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
WETTED COMPONENTS
Bourdon Tube
Process Connection
Joints
316L Stainless steel
316L Stainless steel
Welded
316L Stainless steel
Steel
Welded
K-Monel® 500
Monel® 400, Steel
Welded
C510 Pho. Bronze
Brass
Silver Brazed
NON-WETTED COMPONENTS
Case
Ring
Pressure Relief Back
Phenolic
Threaded,
Polycarbonate
(meets UL 94 V-0)
Polycarbonate
(Meets UL 94 V-0)
KEY BENEFITS
• Available with a wide variety of accessory and
diaphragm seal assemblies
• Available with high process temperature
dissipation siphons
1279
41⁄2˝ dial size
MIN/MAX TEMPERATURE LIMITS
Version
Ambient
Process
Storage
Dry
-20 °F to 200 °F
(-29 °C to 93 °C)
-20 °F to 250 °F
(-29 °C to 121 °C)
-40 °F to 250 °F
(-40 °C to 121 °C)
PLUS!™
-40 °F to 150 °F
(-40 °C to 66 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
Glycerin fill
20 °F to 150 °F
(-7 °C to 66 °C)
20 °F to 150 °F
(-7 °C to 66 °C)
0 °F to 150 °F
(-18 °C to 66 °C)
Silicone fill
-40 °F to 150 °F
(-40 °C to 66 °C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
Halocarbon®
fill
-40 °F to 150 °F
(-40 °C to 66°C)
-40 °F to 200 °F
(-40 °C to 93 °C)
-40 °F to 150 °F
(-40 °C to 66 °C)
TM
Note: Other than discoloration of the dial and hardening of the gasketing that may occur as ambient
or process temperatures exceeds 150 °F, non-liquid-filled gauges with standard glass windows, can
withstand continuous operating temperatures up to 250 °F (121 °C). Liquid-filled gauges can withstand
200 °F (93 °C) but glycerin fill and acrylic window will tend to yellow. Accuracy at temperatures above or
below the reference ambient temperature of 68 °F (20 °C) will be affected by approximately .4% per
25 °F. Gauges with welded joints will withstand 750 °F (400 °C), 450 °F (232 °C) with silver brazed
joints for short times without rupture, although other parts of the gauge will be destroyed and calibration
will be lost. For continuous use and for process or ambient temperatures above 250 °F (121 °C),
a diaphragm seal or capillary or siphon is recommended.
FEATURES
„
Custom dial printing options
„
Micrometer adjustable pointer
„
PLUS!™ Performance option dampens vibration,
shock and pulsation effects
„
Pressure range from vacuum to 30,000 psi
„
NSF-61 Complaint
TYPICAL USES
„
Refineries
„
Chemical and petrochemical plants
„
Offshore oil rigs
„
Water and wastewater pressure control
„
Pulp and water
„
Mining and metals
„
Equipment skids
„
Specialized OEM equipment
„
Cryogenics
SPECIFICATIONS
Accuracy:
±0.5% of span (ASME B40.100 Grade 2A)
Size:
41
⁄2˝
Range:
Vacuum, compound to 30,000 psi
Process Connection
Location:
Lower, back, side, top
Process Connection:
1
⁄4 NPT, 1⁄2 NPT, 9⁄16 -18 UNF-2B Aminco®
(high pressure connection)
Case Style:
Solid front with pressure relief back
Window:
Glass (STD.), acrylic, shatter proof glass,
non-glare glass (OPT.)
Movement:
Rotary, adjustable, 400 SS, TeflonTM coated
Movement Materials:
400 SS, TeflonTM coated pinion gear and segment
Dial:
Aluminum, white background, black scale
Pointer:
Micrometer, adjustable, aluminum
Weather Protection:
Case
IP Rating
Ordering
Code
Dry
Case not sealed,
recommended for
weather protected
environment only
S
Dry, field fillable
IP66
SH
Liquid filled
IP66
SL
Dampening Options:
Liquid: glycerin, silicone, Halocarbon®,
PLUS!™ Performance
Mounting:
Stem, surface, flush (STD.), pipe, remote (OPT.)
Approvals:
CE/UKCA, CRN, NSF-61
1279 Duragauge® Pressure Gauge


Similar Part No. - 451279ASH02EXLL

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4512 POMONA-4512 Datasheet
72Kb / 1P
Standard Banana Plug with Threaded Stud and Solder Lug
logo
Lumberg
4512 LUMBERG-4512 Datasheet
545Kb / 3P
Multimedia interfaces for infotainment packages
logo
Heyco.
4512 HEYCO-4512 Datasheet
469Kb / 1P
Heyco®-Tite Brass Liquid Tight Cordgrips
logo
Pomona Electronics
4512 POMONA-4512 Datasheet
21Kb / 1P
Standard Banana Plug With Threaded Stud and Solder Lug
6/9/99
logo
Lumberg
4512 LUMBERG-4512 Datasheet
361Kb / 3P
USB and IEEE 1394 connectors
05/2020
More results

Similar Description - 451279ASH02EXLL

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
4601 FESTO-4601 Datasheet
90Kb / 1P
Pressure gauge
548009 FESTO-548009 Datasheet
106Kb / 2P
Pressure gauge
8/10/22
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563732 FESTO-563732 Datasheet
114Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
8081401 FESTO-8081401 Datasheet
93Kb / 2P
Pressure gauge
8/11/22
8088986 FESTO-8088986 Datasheet
100Kb / 1P
Pressure gauge
8/10/22
8090378 FESTO-8090378 Datasheet
104Kb / 1P
Pressure gauge
8/10/22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com