Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440GP-3CC400E Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400E
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400E Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400E Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
63
Revision 1.07 – October 4, 2007
Data Sheet
TmrClk input frequency
–
100
MHz
TmrClk period
10
–
ns
TmrClk input high time
40% of nominal period
60% of nominal period
ns
TmrClk input low time
40% of nominal period
60% of nominal period
ns
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at 1/2the frequency of the PLB clock. The maxi-
mum OPB clock frequency is 66.66 MHz.
2. When the PCI-X interface is used to support a legacy PCI interface, the maximum PCIXClk frequency is 66.66MHz.
Peripheral Interface Clock Timings (Continued)
Parameter
Min
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com