Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440GP-3CC400E Datasheet(PDF) 9 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400E
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400E Datasheet(HTML) 9 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400E Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440GP-3CC400E Datasheet HTML 13Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
9
Revision 1.07 – October 4, 2007
Data Sheet
DCR Address Map 4KB of Device Configuration Registers
Function
Start Address
End Address
Size
Total DCR Address Space1
000
3FF
1KW (4KB)1
By function:
Reserved
000
00F
16W
Memory Controller
010
011
2W
External Bus Controller
012
013
2W
External Bus Master I/F
014
015
2W
PLB Performance Monitor
016
01F
10W
SRAM
020
02F
16W
Reserved
030
07F
80W
PLB
080
08F
16W
PLB to OPB Bridge Out
090
09F
16W
Reserved
0A0
0A7
8W
OPB to PLB Bridge In
0A8
0AF
8W
Power Management
0B0
0B7
8W
Reserved
0B8
0BF
8W
Interrupt Controller 0
0C0
0CF
16W
Interrupt Controller 1
0D0
0DF
16W
Clock, Control, and Reset
0E0
0EF
16W
Reserved
0F0
0FF
16W
DMA Controller
100
13F
64W
Reserved
140
17F
64W
Ethernet MAL
180
1FF
128W
Reserved
200
3FF
512W
Notes:
1. DCR address space is addressable with up to 10 bits (1024 or 1K unique addresses). Each unique address represents a single 32-bit
(word) register. One kiloword (1024W) equals 4KB (4096 bytes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com