Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101008SLJPLXLL Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 101008SLJPLXLL
Description  1008S 63 mm & 100 mm Stainless Steel Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

101008SLJPLXLL Datasheet(HTML) 3 Page - Ashcroft, Inc.

  101008SLJPLXLL Datasheet HTML 1Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 2Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 3Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®,
Plus!™, PowerFlexTM, True ZeroTM and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: Halocarbon®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1008S_SL_63-100mm_gauge_ds_RevF_8-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
SINGLE SCALE
NOTES
psi
bar
kPa
Mpa
kg/cm2
30IMV
N1BR
N100KP
N0.1MP
N1KG
-
N1/0.6BR
N100/60KP
N0.1/0.6MP
N1/0.6KG
30IMV&15#
-
-
-
-
-
N1/1.5BR
N100/150KP
N0.1/15MP
N1/1.5KG
30IMV&30#
-
-
-
-
N1/3BR
N100/300KP
N0.1/3MP
N1/3KG
30IMV&60#
-
-
-
-
-
N1/5BR
N100/&500KP
N0.1/5MP
N1/5KG
-
-
-
-
30IMV&100#
N1/9BR
N100/900KP
N0.1/9MP
N1/9KG
15#
1BR
100KP
0.1MP
1KG
-
1.6BR
160KP
0.16MP
1.6KG
30#
-
-
-
-
-
2.5BR
250KP
0.25MP
2.5KG
60#
4BR
400KP
0.4MP
4KG
-
6BR
600KP
0.6MP
6KG
100#
-
-
-
-
10BR
1000KP
1MP
10KG
160#
-
-
-
-
200#
-
-
-
-
-
16BR
1600KP
1.6MP
16KG
300#
-
-
-
-
-
25BR
2500KP
2.5MP
25KG
400#
-
-
-
-
600#
40BR
4000KP
4MP
40KG
800#
-
-
-
-
-
60BR
6000KP
6MP
60KG
1000#
-
-
-
-
1500#
100BR
10,000KP
10MP
100KG
2000#
-
-
-
-
-
160BR
16,000KP
16MP
160KG
3000#
-
-
-
-
-
250BR
25,000KP
25MP
250KG
4000#
-
-
-
-
5000#
-
-
-
-
6000#
400BR
40,000KP
40MP
400KG
-
600BR
60,000KP
60MP
600KG
8000#
-
-
-
-
10,000#
-
-
-
-
15,000#
1000BR
100,000KP
100MP
1,000KG
of 4
3
1008S 63 mm & 100 mm Stainless Steel Pressure Gauge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com