Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

101008SLJPLXLL Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 101008SLJPLXLL
Description  1008S 63 mm & 100 mm Stainless Steel Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

101008SLJPLXLL Datasheet(HTML) 2 Page - Ashcroft, Inc.

  101008SLJPLXLL Datasheet HTML 1Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 2Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 3Page - Ashcroft, Inc. 101008SLJPLXLL Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions. Ashcroft®,
Plus!™, PowerFlexTM, True ZeroTM and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: Halocarbon®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1008S_SL_63-100mm_gauge_ds_RevF_8-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
63
S
L
02
L
XC4
100#
Dial Size/Model Code
631008 - 63 mm (21⁄2˝) 304 Stainless steel case
63
101008 - 100 mm (4 ˝) 304 Stainless steel case
System
S - 316 Stainless steel tube/316 stainless steel process connection
S
Case Fill
Blank - Dry liquid fillable
L - Liquid filled case (glycerin standard)
L
Process Connection Size
01 - 1⁄8 NPT Male
02 - 1⁄4 NPT Male
02
04 - 1⁄2 NPT Male
RW - SAE 4 7⁄16˝- 20 straight thread with washer and O-ring
KJ - 1⁄4˝ Straight JIS, BSP
KA - 1⁄4˝ Tapered JIS, BSP
13 - G 1⁄4˝ DIN
JP - 1⁄4˝ Tubing
JQ - 6mm Tubing (N/A with throttle plug, N/A ranges above 6000 psi)
JR - 3⁄8˝ Tubing (N/A with throttle plug, N/A on ranges above 6000 psi)
Process Connection Location
L - Lower
L
B - Lower back
D - Side (3 o’clock)
E - Side (9 o’clock)
T - Top
Options (If choosing an option(s) must include an “X”)
X__
LL -
PLUS!™ Performance
NZ -
PLUS!™ Performance silicone free
GV - Silicone case fill (add to glycerine filled case)
GX - Halocarbon® case fill (add to glycerine filled case)
TU - Throttle plug 0.013˝ orriface (STD. on all liquid filled and XLL gauges 30 psi to 1000 psi)
TS - Throttle screw (STD. with liquid filled and XLL gauges 1500 psi and above)
6B - Cleaned for oxygen service (for liquid filled Halocarbon® XGX required; N/A on ranges greater than 10,000 psi
NH - Stainless steel tag wired to case
FF - Front flange
UC - U-clamp
FW - Back flange mounting
C3 - Material certification, call factory for availability
C4 - Traceable calibration certificate
C4
SM - All stainless steel movement
YW - 316L Stainless steel case and ring
Ranges (See range table on page 3 for all standard ranges)
Single Scale
100# - 100 psi
100#
of 4
2
1008S 63 mm & 100 mm Stainless Steel Pressure Gauge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com