Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9984A Datasheet(PDF) 5 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 5 Page - Analog Devices

  AD9984A Datasheet HTML 1Page - Analog Devices AD9984A Datasheet HTML 2Page - Analog Devices AD9984A Datasheet HTML 3Page - Analog Devices AD9984A Datasheet HTML 4Page - Analog Devices AD9984A Datasheet HTML 5Page - Analog Devices AD9984A Datasheet HTML 6Page - Analog Devices AD9984A Datasheet HTML 7Page - Analog Devices AD9984A Datasheet HTML 8Page - Analog Devices AD9984A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
AD9984A
Rev. 0 | Page 5 of 44
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VD
1.98 V
VDD
3.6 V
PVD
1.98 V
DAVDD
1.98 V
Analog Inputs
VD to 0.0 V
REFHI
VD to 0.0 V
REFLO
VD to 0.0 V
Digital Inputs
5 V to 0.0 V
Digital Output Current
20 mA
Operating Temperature Range
−25°C to +85°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at
specified temperatures.
III.
Sample tested only.
IV.
Parameter is guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested at 25°C; guaranteed by design
and characterization testing.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA
θJC
Unit
80-Lead LQFP
35
16
°C/W
64-Lead LFCSP
35
16
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com