Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9984A Datasheet(PDF) 1 Page - Analog Devices

Part # AD9984A
Description  High Performance 10-Bit Display Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9984A Datasheet(HTML) 1 Page - Analog Devices

  AD9984A Datasheet HTML 1Page - Analog Devices AD9984A Datasheet HTML 2Page - Analog Devices AD9984A Datasheet HTML 3Page - Analog Devices AD9984A Datasheet HTML 4Page - Analog Devices AD9984A Datasheet HTML 5Page - Analog Devices AD9984A Datasheet HTML 6Page - Analog Devices AD9984A Datasheet HTML 7Page - Analog Devices AD9984A Datasheet HTML 8Page - Analog Devices AD9984A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
High Performance
10-Bit Display Interface
AD9984A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
10-bit, analog-to-digital converters
170 MSPS maximum conversion rate
Low PLL clock jitter at 170 MSPS
Automatic gain matching
Automated offset adjustment
2:1 input mux
Power-down via dedicated pin or serial register
4:4:4, 4:2:2, and DDR output format modes
Variable output drive strength
Odd/even field detection
External clock input
Regenerated Hsync output
Programmable output high impedance control
Hsyncs per Vsync counter
Sync-on-green (SOG) pulse filter
Pb-free package
APPLICATIONS
Advanced TVs
Plasma display panels
LCDTV
HDTV
RGB graphics processing
LCD monitors and projectors
Scan converters
FUNCTIONAL BLOCK DIAGRAM
SYNC
PROCESSING
PLL
POWER
MANAGEMENT
SOGOUT
ODD/EVEN FIELD
HSOUT
VSOUT/A0
VOLTAGE
REFS
SERIAL REGISTER
SDA
SCL
FILT
CLAMP
EXTCK/COAST
HSYNC0
HSYNC1
AD9984A
Y/GREENOUT
Cb/Cr/REDOUT
REFHI
REFLO
DATACK
2:1
MUX
Pr/REDIN0
Pr/REDIN1
Y/GREENIN0
Y/GREENIN1
VSYNC1
VSYNC0
2:1
MUX
SOGIN0
SOGIN1
2:1
MUX
Cb/BLUEOUT
CLAMP
10
10
AUTO OFFSET
AUTO GAIN
10-BIT
ADC
PGA
Pb/BLUEIN0
Pb/BLUEIN1
2:1
MUX
CLAMP
10
10
AUTO OFFSET
AUTO GAIN
10-BIT
ADC
PGA
2:1
MUX
CLAMP
10
10
AUTO OFFSET
AUTO GAIN
10-BIT
ADC
PGA
2:1
MUX
Figure 1.
GENERAL DESCRIPTION
The AD9984A is a complete 10-bit, 170 MSPS, monolithic
analog interface optimized for capturing YPbPr video and RGB
graphics signals. Its 170 MSPS encode rate capability and full
power analog bandwidth of 300 MHz support all HDTV video
modes up to 1080p, as well as graphics resolutions up to UXGA
(1600 × 1200 at 60 Hz).
The AD9984A includes a 170 MHz triple ADC with an internal
reference, a PLL, and programmable gain, offset, and clamp
control. The user provides only a 1.8 V power supply and an
analog input. Three-state CMOS outputs can be powered from
1.8 V to 3.3 V.
The AD9984A on-chip PLL generates a sample clock from the
tri-level sync (for YPbPr video) or the horizontal sync (for RGB
graphics). Sample clock output frequencies range from 10 MHz
to 170 MHz. With internal coast generation, the PLL maintains
its output frequency in the absence of a sync input. A 32-step
sampling clock phase adjustment is provided. Output data,
sync, and clock phase relationships are maintained.
The auto-offset feature can be enabled to automatically restore
the signal reference levels and calibrate out any offset differences
between the three channels. The auto channel-to-channel gain-
matching feature can be enabled to minimize any gain
mismatches between the three channels.
The AD9984A also offers full sync processing for composite sync
and sync-on-green applications. A clamp signal is generated
internally or can be provided by the user through the CLAMP
input pin.
Fabricated in an advanced CMOS process, the AD9984A is
provided in a space-saving, Pb-free, 80-lead low profile quad
flat package (LQFP) or 64-lead lead frame chip scale package
(LFCSP) and is specified over the 0°C to 70°C temperature range.


Similar Part No. - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results

Similar Description - AD9984A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9980 AD-AD9980 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
1/05-Revision 0
AD9981 AD-AD9981 Datasheet
972Kb / 44P
High Performance 10-Bit Display Interface
1/05-Revision 0
AD9983A AD-AD9983A Datasheet
784Kb / 44P
High Performance 8-Bit Display Interface
logo
Microchip Technology
PIC18CXX2 MICROCHIP-PIC18CXX2_01 Datasheet
4Mb / 305P
High Performance Microcontrollers with 10-bit A/D
2001
PIC18CXX2 MICROCHIP-PIC18CXX2_13 Datasheet
4Mb / 304P
High Performance Microcontrollers with 10-bit A/D
11/29/12 1999-2013
logo
Analog Devices
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
10-Bit, 125 MSPS High Performance
REV. 0
AD9980 AD-AD9980_15 Datasheet
967Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9981 AD-AD9981_15 Datasheet
973Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
AD9983A AD-AD9983A_15 Datasheet
916Kb / 44P
High Performance 8-Bit Display Interface
REV. 0
AD9984A AD-AD9984A_15 Datasheet
845Kb / 44P
High Performance 10-Bit Display Interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com