Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSG1002VE Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HSG1002VE
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002VE Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HSG1002VE Datasheet HTML 9Page - Renesas Technology Corp HSG1002VE Datasheet HTML 10Page - Renesas Technology Corp HSG1002VE Datasheet HTML 11Page - Renesas Technology Corp HSG1002VE Datasheet HTML 12Page - Renesas Technology Corp HSG1002VE Datasheet HTML 13Page - Renesas Technology Corp HSG1002VE Datasheet HTML 14Page - Renesas Technology Corp HSG1002VE Datasheet HTML 15Page - Renesas Technology Corp HSG1002VE Datasheet HTML 16Page - Renesas Technology Corp HSG1002VE Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 13 of 37
S Parameter
(VCE = 1 V, IC = 3 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.951
-6.4
9.16
174.4
0.0116
85.3
0.980
-4.9
200
0.948
-13.2
9.12
169.0
0.0161
84.5
0.988
-8.6
300
0.934
-19.1
9.02
164.0
0.0224
78.1
0.974
-12.6
400
0.927
-26.0
8.91
159.2
0.0308
76.1
0.958
-16.6
500
0.915
-32.4
8.80
154.6
0.0379
68.2
0.939
-20.6
600
0.900
-38.7
8.65
150.3
0.0447
68.3
0.917
-24.3
700
0.887
-44.7
8.40
146.0
0.0511
61.3
0.892
-28.0
800
0.872
-50.6
8.21
141.8
0.0563
57.0
0.865
-31.5
900
0.859
-56.8
8.13
138.3
0.0627
55.3
0.838
-34.6
1000
0.841
-62.6
7.91
134.0
0.0660
52.6
0.809
-37.7
1100
0.825
-68.2
7.70
130.3
0.0712
48.6
0.784
-40.7
1200
0.805
-74.1
7.54
126.3
0.0735
46.1
0.756
-43.5
1300
0.790
-79.3
7.29
122.8
0.0777
43.4
0.728
-46.2
1400
0.776
-84.5
7.06
119.6
0.0811
41.3
0.703
-48.9
1500
0.761
-89.7
6.88
116.3
0.0843
38.2
0.677
-51.4
1600
0.746
-94.8
6.69
113.0
0.0860
36.0
0.653
-53.6
1700
0.734
-99.6
6.48
110.0
0.0889
33.2
0.630
-56.0
1800
0.722
-104.2
6.27
107.1
0.0905
31.7
0.607
-58.2
1900
0.711
-108.7
6.08
104.2
0.0918
29.8
0.585
-60.4
2000
0.702
-113.2
5.90
101.5
0.0934
27.8
0.564
-62.4
2200
0.685
-121.3
5.53
96.3
0.0953
24.6
0.526
-66.4
2400
0.671
-129.2
5.21
91.4
0.0969
21.6
0.491
-70.2
2600
0.661
-136.5
4.91
86.9
0.0981
18.7
0.459
-74.1
2800
0.652
-143.2
4.63
82.5
0.0994
16.3
0.432
-77.6
3000
0.645
-149.5
4.37
78.4
0.0995
13.8
0.407
-81.0
3200
0.641
-155.3
4.13
74.5
0.0992
12.4
0.384
-84.7
3400
0.637
-160.8
3.91
70.7
0.0998
10.5
0.366
-88.1
3600
0.634
-165.9
3.71
67.2
0.0992
8.6
0.347
-91.4
3800
0.633
-170.5
3.53
63.8
0.0983
7.9
0.332
-94.8
4000
0.635
-174.8
3.37
60.5
0.0983
6.5
0.321
-98.2
4200
0.635
-179.1
3.22
57.3
0.0977
5.7
0.310
-101.7
4400
0.637
176.9
3.08
54.1
0.0976
4.4
0.301
-105.2
4600
0.639
173.3
2.95
51.1
0.0971
3.9
0.292
-108.7
4800
0.640
169.8
2.83
48.1
0.0974
2.6
0.284
-112.1
5000
0.644
166.4
2.71
45.2
0.0963
2.5
0.278
-115.7
5200
0.646
163.0
2.61
42.3
0.0963
1.8
0.273
-119.4
5400
0.648
160.0
2.51
39.5
0.0964
1.1
0.269
-122.9
5600
0.651
157.0
2.42
36.7
0.0956
0.8
0.264
-126.2
5800
0.652
154.1
2.34
33.9
0.0957
0.1
0.262
-129.7
6000
0.655
151.3
2.26
31.2
0.0958
-0.2
0.259
-133.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com