Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HSG1002VE Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HSG1002VE
Description  SiGeHBT High Frequency Low Noise Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSG1002VE Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HSG1002VE Datasheet HTML 17Page - Renesas Technology Corp HSG1002VE Datasheet HTML 18Page - Renesas Technology Corp HSG1002VE Datasheet HTML 19Page - Renesas Technology Corp HSG1002VE Datasheet HTML 20Page - Renesas Technology Corp HSG1002VE Datasheet HTML 21Page - Renesas Technology Corp HSG1002VE Datasheet HTML 22Page - Renesas Technology Corp HSG1002VE Datasheet HTML 23Page - Renesas Technology Corp HSG1002VE Datasheet HTML 24Page - Renesas Technology Corp HSG1002VE Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
HSG1002
Rev.1.00, Apr.12.2004, page 21 of 37
S Parameter
(VCE = 2 V, IC = 5 mA, ZO = 50
Ω)
S11
S21
S12
S22
f (MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.933
-8.1
14.69
173.2
0.0057
127.0
0.977
-5.6
200
0.920
-15.9
14.57
167.0
0.0148
82.2
0.984
-10.0
300
0.903
-23.4
14.31
161.1
0.0221
76.2
0.964
-14.7
400
0.890
-31.4
14.02
155.6
0.0247
73.7
0.938
-19.2
500
0.870
-39.0
13.70
150.4
0.0311
68.3
0.914
-23.7
600
0.850
-46.5
13.35
145.4
0.0358
63.3
0.883
-27.7
700
0.830
-53.3
12.85
140.7
0.0409
59.3
0.850
-31.8
800
0.809
-60.2
12.44
136.1
0.0445
54.8
0.815
-35.4
900
0.789
-67.3
12.13
132.0
0.0471
52.3
0.780
-38.6
1000
0.767
-73.7
11.68
127.7
0.0511
48.5
0.747
-41.8
1100
0.747
-79.8
11.23
123.7
0.0537
46.2
0.715
-44.7
1200
0.725
-86.1
10.85
119.7
0.0565
43.8
0.684
-47.4
1300
0.707
-91.6
10.40
116.2
0.0581
41.3
0.653
-49.9
1400
0.691
-97.0
9.97
113.0
0.0609
40.0
0.625
-52.3
1500
0.676
-102.4
9.60
109.8
0.0614
38.0
0.598
-54.6
1600
0.662
-107.6
9.23
106.7
0.0639
36.0
0.572
-56.6
1700
0.650
-112.3
8.87
103.8
0.0657
34.0
0.548
-58.7
1800
0.639
-116.9
8.52
101.1
0.0667
33.2
0.525
-60.6
1900
0.628
-121.5
8.20
98.4
0.0666
31.3
0.504
-62.5
2000
0.621
-125.8
7.89
95.9
0.0682
30.4
0.484
-64.3
2200
0.607
-133.5
7.32
91.2
0.0693
28.2
0.449
-67.7
2400
0.597
-141.0
6.83
86.7
0.0701
26.7
0.415
-70.9
2600
0.590
-147.8
6.38
82.6
0.0716
24.4
0.387
-74.2
2800
0.585
-154.0
5.98
78.8
0.0721
23.4
0.362
-77.2
3000
0.581
-159.7
5.61
75.1
0.0725
22.0
0.339
-80.4
3200
0.581
-165.1
5.29
71.5
0.0743
21.7
0.320
-83.6
3400
0.580
-170.0
4.99
68.2
0.0744
20.1
0.303
-86.9
3600
0.579
-174.6
4.72
65.0
0.0752
20.0
0.286
-90.0
3800
0.580
-178.6
4.48
62.0
0.0749
19.2
0.275
-93.0
4000
0.583
177.4
4.26
59.0
0.0763
19.3
0.264
-96.5
4200
0.587
173.7
4.06
56.0
0.0770
18.7
0.255
-99.9
4400
0.589
170.1
3.88
53.1
0.0782
18.8
0.246
-103.4
4600
0.593
166.9
3.71
50.4
0.0791
18.6
0.239
-106.8
4800
0.595
163.6
3.56
47.7
0.0804
17.8
0.232
-110.2
5000
0.598
160.6
3.41
45.0
0.0804
17.6
0.227
-113.7
5200
0.603
157.6
3.28
42.3
0.0814
17.2
0.221
-117.6
5400
0.606
154.9
3.16
39.7
0.0827
16.8
0.219
-121.0
5600
0.609
152.2
3.04
37.1
0.0838
17.0
0.215
-124.7
5800
0.611
149.5
2.93
34.5
0.0855
16.1
0.212
-128.3
6000
0.615
146.9
2.83
32.0
0.0863
16.4
0.210
-132.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com