Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAV99-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # BAV99-HF
Description  SMD Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAV99-HF Datasheet(HTML) 1 Page - Comchip Technology

  BAV99-HF Datasheet HTML 1Page - Comchip Technology BAV99-HF Datasheet HTML 2Page - Comchip Technology BAV99-HF Datasheet HTML 3Page - Comchip Technology BAV99-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
QW-J0019
SMD Switching Diode
REV:B
Comchip Technology CO., LTD.
BAW56-HF, BAV70-HF/99-HF
RoHS Device
Maximum Rating (at Ta=25°C unless otherwise noted)
V
70
VR
Reverse voltage
Parameter
Symbol
Value
Unit
°C/W
mW
mA
mA
500
225
200
400
PD
Io
IFM
Power dissipation
Peak forward surge current
@tp=1ms, TA=25°C
Average rectified current
RθJA
Non-repetitive peak forward current
Typical thermal resistance
IFSM
2
A
°C
Tj
°C
-65 to +150
TSTG
Storage temperature range
Operating junction temperature
150
Halogen Free
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Fast switching device (Trr < 6.0nS).
- Power dissipation of 225mW.
- High stability and high reliability.
- Low reverse leakage.
Mechanical data
- Case: SOT-23, molded plastic.
- Epoxy UL: 94V-0.
- Mounting position: Any.
Note: Valid provided that electrodes are kept at ambient temperature.
Dimensions in inches and (millimeter)
SOT-23
0.118(3.00)
0.110(2.80)
0.055(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.020(0.50)
0.006(0.15)
0.100(2.55)
0.089(2.25)
0.004(0.10)
0.012(0.30)
0.020(0.50)
0.003(0.00)
1
2
3
0.035(0.90)
0.012(0.30)
0.003(0.08)
Circuit Diagram
1
2
3
BAW56-HF
1
2
3
BAV70-HF
1
2
3
BAV99-HF


Similar Part No. - BAV99-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BAV99-HF KEXIN-BAV99-HF Datasheet
825Kb / 3P
Switching Diodes
More results

Similar Description - BAV99-HF

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ASS355 ANACHIP-ASS355 Datasheet
96Kb / 3P
SMD Switching Diode
Rev. 0.0 Oct 29, 2003
logo
Comchip Technology
CDSU400B COMCHIP-CDSU400B Datasheet
150Kb / 2P
SMD Switching Diode
CDSFR101A COMCHIP-CDSFR101A Datasheet
75Kb / 2P
SMD Switching Diode
CDSFR355B COMCHIP-CDSFR355B Datasheet
76Kb / 2P
SMD Switching Diode
CDSFR4448 COMCHIP-CDSFR4448 Datasheet
73Kb / 2P
SMD Switching Diode
CDST4448-G COMCHIP-CDST4448-G Datasheet
76Kb / 2P
SMD Switching Diode
CDSUR400B COMCHIP-CDSUR400B Datasheet
76Kb / 2P
SMD Switching Diode
CDSF4148S-HF COMCHIP-CDSF4148S-HF Datasheet
130Kb / 4P
SMD Switching Diode
CDSQR4148S-HF COMCHIP-CDSQR4148S-HF Datasheet
125Kb / 4P
SMD Switching Diode
CDST-4448-G COMCHIP-CDST-4448-G Datasheet
385Kb / 4P
SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com