| Electronic Components Datasheet Search |
|
AM263P2 Datasheet(PDF) 60 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2 Datasheet(HTML) 60 Page - Texas Instruments |
|
60 / 164 page ![]() Table 5-65. GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] GPIO104 IO General Purpose Input/Output C18 C18 C18 GPIO105 IO General Purpose Input/Output D17 D17 D17 GPIO106 IO General Purpose Input/Output D18 D18 D18 GPIO107 IO General Purpose Input/Output E16 E16 E16 GPIO108 IO General Purpose Input/Output F16 F16 F16 GPIO109 IO General Purpose Input/Output F18 F18 F18 GPIO110 IO General Purpose Input/Output G16 G16 G16 GPIO111 IO General Purpose Input/Output E17 E17 E17 GPIO112 IO General Purpose Input/Output E18 E18 E18 GPIO113 IO General Purpose Input/Output C16 C16 C16 GPIO114 IO General Purpose Input/Output A17 A17 A17 GPIO115 IO General Purpose Input/Output B18 B18 B18 GPIO116 IO General Purpose Input/Output B17 B17 B17 GPIO117 IO General Purpose Input/Output D16 D16 D16 GPIO118 IO General Purpose Input/Output C17 C17 C17 GPIO119 IO General Purpose Input/Output D15 D15 D15 GPIO120 IO General Purpose Input/Output C15 C15 C15 GPIO121 IO General Purpose Input/Output P2 P2 P2 GPIO122 IO General Purpose Input/Output B16 B16 B16 GPIO123 IO General Purpose Input/Output D14 D14 D14 GPIO124 IO General Purpose Input/Output A16 A16 A16 GPIO125 IO General Purpose Input/Output D13 D13 D13 GPIO126 IO General Purpose Input/Output B15 B15 B15 GPIO127 IO General Purpose Input/Output C13 C13 C13 GPIO128 IO General Purpose Input/Output A15 A15 A15 GPIO129 IO General Purpose Input/Output C14 C14 C14 GPIO130 IO General Purpose Input/Output B14 B14 B14 GPIO131 IO General Purpose Input/Output A14 A14 A14 GPIO132 IO General Purpose Input/Output C12 C12 C12 GPIO133 IO General Purpose Input/Output D11 D11 D11 GPIO134 (2) IOD General Purpose Input/Output B13 B13 B13 GPIO135 (3) IOD General Purpose Input/Output A13 A13 A13 GPIO136 IO General Purpose Input/Output B12 B12 B12 GPIO137 IO General Purpose Input/Output A12 A12 A12 GPIO138 IO General Purpose Input/Output M2 M2 M2 GPIO20 IO General Purpose Input/Output B9 B9 B9 GPIO21 IO General Purpose Input/Output B8 B8 B8 GPIO22 IO General Purpose Input/Output A8 A8 A8 GPIO23 IO General Purpose Input/Output D7 D7 D7 GPIO24 IO General Purpose Input/Output C8 C8 C8 GPIO25 IO General Purpose Input/Output C7 C7 C7 GPIO26 IO General Purpose Input/Output B7 B7 B7 GPIO27 IO General Purpose Input/Output A7 A7 A7 GPIO28 IO General Purpose Input/Output A6 A6 A6 GPIO29 IO General Purpose Input/Output R17 R17 R17 GPIO30 (1) IO General Purpose Input/Output R18 GPIO31 (1) IO General Purpose Input/Output U17 GPIO32 (1) IO General Purpose Input/Output T17 GPIO33 (1) IO General Purpose Input/Output U18 GPIO34 (1) IO General Purpose Input/Output T18 AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 60 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |