Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM263P2 Datasheet(PDF) 71 Page - Texas Instruments

Part # AM263P2
Description  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM263P2 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM263P2 Datasheet HTML 67Page - Texas Instruments AM263P2 Datasheet HTML 68Page - Texas Instruments AM263P2 Datasheet HTML 69Page - Texas Instruments AM263P2 Datasheet HTML 70Page - Texas Instruments AM263P2 Datasheet HTML 71Page - Texas Instruments AM263P2 Datasheet HTML 72Page - Texas Instruments AM263P2 Datasheet HTML 73Page - Texas Instruments AM263P2 Datasheet HTML 74Page - Texas Instruments AM263P2 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 164 page
background image
Table 5-109. Reserved Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
RSVD_V2
RSVD
Reserved (RSVD_V2). This pin must be left
unconnected.
V2
V2
V2
5.3.22 UART
Table 5-110. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A5, B7
A5, B7
A5, B7
UART0_RTSn
O
UART Request to Send (active low)
C6, C7
C6, C7
C6, C7
UART0_RXD
I
UART Receive Data
A7, B6
A7, B6
A7, B6
UART0_TXD
O
UART Transmit Data
A4, A6
A4, A6
A4, A6
Table 5-111. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
G4
G4
G4
UART1_DCDn
I
UART Data Carrier Detect (Active Low)
J4, N1
J4, N1
N1
UART1_DSRn
I
UART Data Set Ready (Active Low)
V17
UART1_DTRn
O
UART Data Terminal Ready (Active Low)
K1, K3
K1, K3
K1
UART1_RIn
I
UART Ring Indicator
K4, N4
K4, N4
N4
UART1_RTSn
O
UART Request to Send (active low)
B12, J2
B12, J2
B12, J2
UART1_RXD
I
UART Receive Data
A9, L3
A9, L3
A9, L3
UART1_TXD
O
UART Transmit Data
B9, M3
B9, M3
B9, M3
Table 5-112. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
H1
H1
UART2_RTSn
O
UART Request to Send (active low)
A12, J3, R3
A12, J3, R3
A12, R3
UART2_RXD
I
UART Receive Data
B5, B8
B5, B8
B5, B8
UART2_TXD
O
UART Transmit Data
A3, A8
A3, A8
A3, A8
Table 5-113. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
K2, N2
K2, N2
N2
UART3_RTSn
O
UART Request to Send (active low)
A2, J1
A2, J1
A2
UART3_RXD
I
UART Receive Data
C11, D15
C11, D15
C11, D15
UART3_TXD
O
UART Transmit Data
A11, C15
A11, C15
A11, C15
Table 5-114. UART4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
A14
A14
A14
UART4_RTSn
O
UART Request to Send (active low)
B14
B14
B14
UART4_RXD
I
UART Receive Data
A10, D11, H2
A10, D11, H2
A10, D11, H2
UART4_TXD
O
UART Transmit Data
C12, C9, G3
C12, C9, G3
C12, C9, G3
Table 5-115. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ZCZ C PIN [4]
ZCZ S PIN [4]
ZCZ F PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
D13
D13
D13
UART5_RTSn
O
UART Request to Send (active low)
A16
A16
A16
UART5_RXD
I
UART Receive Data
A15, C13, D9,
R16
A15, C13, D9
A15, C13, D9
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com