Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PV256LE96ZB5 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58PV256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PV256LE96ZB5 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58PV256LE96ZB5 Datasheet HTML 12Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 13Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 14Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 15Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 16Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 17Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 18Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 19Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
Signal descriptions
M58PR256LE, M58PR512LE, M58PR001LE
16/119
2.7
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the
memory is in reset mode, this means the outputs are high impedance and the current
consumption is reduced to the reset supply current IDD2. Refer to Table 27: DC
characteristics - currents for the value of IDD2. After Reset, all blocks are in the locked state
and the Configuration Register is reset. When Reset is at VIH, the device is in normal
operation. Exiting reset mode the device enters asynchronous read mode, but a negative
transition of Chip Enable or Latch Enable is required to ensure valid data outputs.
The Reset pin can be interfaced with 3 V logic without any additional circuitry, and can be
tied to VRPH (refer to Table 28: DC characteristics - voltages).
2.8
Deep power-down (DPD)
The deep power-down input is used to put the device in deep power-down mode.
When the device is in Standby mode and the Enhanced Configuration Register bit ECR15 is
set, asserting the deep power-down input will cause the memory to enter the deep power-
down mode.
When the device is in the deep power-down mode, the memory cannot be modified and the
data is protected.
The polarity of the DPD pin is determined by ECR14. The deep power-down input is active
Low by default.
2.9
Latch Enable (L)
Latch Enable latches the address bits on its rising edge. The address latch is transparent
when Latch Enable is at VIL and it is inhibited when Latch Enable is at VIH. Latch Enable can
be kept Low (also at board level) when the Latch Enable function is not required or
supported.
2.10
Clock (K)
The clock input synchronizes the memory to the microcontroller during synchronous read
operations; the address is latched on a Clock edge when Latch Enable is at VIL. Clock is
ignored during asynchronous read and in write operations.
2.11
Wait (WAIT)
Wait is an output signal used during synchronous read to indicate whether the data on the
output bus are valid. This output is high impedance when Chip Enable is at VIH, Output
Enable is at VIH, or Reset is at VIL. It can be configured to be active during the wait cycle or
one data cycle in advance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com