Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PV256LE96ZB5 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M58PV256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PV256LE96ZB5 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M58PV256LE96ZB5 Datasheet HTML 31Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 32Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 33Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 34Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 35Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 36Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 37Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 38Page - STMicroelectronics M58PV256LE96ZB5 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Command interface
35/119
4.22
Suspend EFA Block command
The Suspend EFA Block command pauses a program or erase EFA block operation. The
command can be addressed to any bank. The Resume EFA Block command is required to
restart the suspended operation.
One bus write cycle is required to issue the Suspend EFA Block command. Once the
Program/Erase Controller has paused, bits SR7, SR6 and/ or SR2 of the Status Register
are set to '1'.
The following commands are accepted during Suspend EFA Block:
–
Resume EFA Block
–
Read Array
–
Read EFA Block (data from erase-suspended blocks or program-suspended
words is not valid)
–
Read Status Register
–
Read Electronic Signature
–
Read CFI Query.
Additionally, if the suspended operation was an erase EFA block operation then the following
commands are also accepted:
–
Clear Status Register
–
Set Configuration Register
–
Program EFA Block (except in the erase-suspended block)
–
Program and Buffer Program in the main array
–
Block Lock
–
Block Lock-down
–
Block Unlock
–
EFA Block Lock
–
EFA Block Lock-down
–
EFA Block Unlock
During Suspend EFA Block the EFA block being erased can be protected by issuing the EFA
Block Lock or EFA Block Lock-down commands. When the Resume EFA Block command is
issued, the operation is resumed and completes. The suspend EFA block operation can be
repeated.
For example, it is possible to suspend an erase EFA block operation, to start a program EFA
block operation, to suspend the program operation, and then read EFA locations.
If a Program EFA Block command is issued during a suspend EFA block operation, the
erase EFA block operation cannot be resumed until the program operation has completed.
The state of the bank where the command was issued do not change.
Refer to Section 11 for detailed information about simultaneous operations allowed during a
suspend EFA block operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com