Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TLV914X Datasheet(PDF) 14 Page - Texas Instruments

Part # TLV914X
Description  TLV914x 18V, Rail-to-Rail Input and Output, 125kHz Low Power (7μA/Channel) Operational Amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV914X Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLV914X Datasheet HTML 10Page - Texas Instruments TLV914X Datasheet HTML 11Page - Texas Instruments TLV914X Datasheet HTML 12Page - Texas Instruments TLV914X Datasheet HTML 13Page - Texas Instruments TLV914X Datasheet HTML 14Page - Texas Instruments TLV914X Datasheet HTML 15Page - Texas Instruments TLV914X Datasheet HTML 16Page - Texas Instruments TLV914X Datasheet HTML 17Page - Texas Instruments TLV914X Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±9V, VCM = VS / 2, RLOAD = 10kΩ (unless otherwise noted)
0
0.005
0.01
0.015
0.02
0.025
0.03
Io (mA)
-9
-8.5
-8
-7.5
-7
-6.5
-6
-5.5
-40°C
25°C
85°C
125°C
VS = +9V
Figure 5-25. Output Voltage Swing vs Output Current (Sinking)
0
0.005
0.01
0.015
0.02
0.025
0.03
Io (mA)
-2.6
-2.1
-1.6
-1.1
-0.6
-0.1
0.4
-40°C
25°C
85°C
125°C
VS = +2.5V
Figure 5-26. Output Voltage Swing vs Output Current (Sinking)
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
90
95
100
105
110
115
120
125
Figure 5-27. Common-Mode Rejection Ratio vs Temperature
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (°C)
100
110
120
130
140
150
160
170
180
Figure 5-28. Power Supply Rejection Ratio vs Temperature
Time (1s/div)
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
.
Figure 5-29. 0.1Hz to 10Hz Integrated Voltage Noise
3
5
7
9
11
13
15
17
Supply Voltage (V)
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
-40°C
25°C
85°C
125°C
VCM = V–
Figure 5-30. Quiescent Current vs Supply Voltage
TLV9141, TLV9142, TLV9144
SBOSAM4 – DECEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV9141 TLV9142 TLV9144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com