Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1480AITSTRT Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 11Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 12Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 13Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 14Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 17Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 18Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
The layout can be considered in two parts, the control section referenced to VSSA and the power section. Looking
at the control section first, locate all components referenced to VSSA on the schematic and place these components
at the chip. Connect VSSA using either a wide (>0.020”) trace or a copper pour if room allows. Very little current
flows in the chip ground therefore large areas of copper are not needed.
0402
0402
0402
0402
0402
0603
0603
REFIN
1
TON
2
REFOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U1
SC1480A
C9
1u
C8
1n
R7
10R
R6
10k0
C2
1u
C10
1u
5VRUN
C7
0u1
.igure 4: Components Connected to VSSA
.igure 5: Example VSSA 0.020” Trace
In .igure 5 above, all components referenced to VSSA have been placed and connected using a 0.020” trace.
Decoupling capacitors C9 and C10 are as close as possible to their pins. C10 should connect to the PGND plane
using two vias.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com