Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1480AITSTRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC1480AITSTRT
Description  DDR and DDR Memory VTT power Supply Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1480AITSTRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC1480AITSTRT Datasheet HTML 15Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 16Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 17Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 18Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 19Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 20Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 21Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 22Page - Semtech Corporation SC1480AITSTRT Datasheet HTML 23Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
19
 2003 Semtech Corp.
www.semtech.com
SC1480A
POWER MANAGEMENT
Typical Characteristics
Efficiency vs. Output Current
vs. Input Voltage
Output Voltage vs. Output Current
vs. Input Voltage
Switching .requency vs. Output Current
vs. Input Voltage
Please refer to .igure 3 on Page 14 for test schematic
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
VBAT = 20V
VBAT = 8V
0.880
0.885
0.890
0.895
0.900
0.905
0.910
0.915
0.920
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
VBAT = 20V
VBAT = 8V
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
2.5
3.0
IOUT (A)
VBAT = 20V
VBAT = 8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com