Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT46R652 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
HT46R652
Rev. 1.00
23
December 19, 2006
Parameter
AC (0~1)
Duty Cycle
Modulation cycle i
(i=0~1)
i<AC
DC + 1
128
i
³AC
DC
128
The modulation frequency, cycle frequency and cycle
duty of the PWM output signal are summarised in the
following table.
PWM
Modulation Frequency
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/64 for (6+2) bits mode
fSYS/128 for (7+1) bits mode
fSYS/256
[PWM]/256
A/D Converter
An 8-channel, 12-bit resolution A/D converter is imple-
mented within the microcontroller. The reference volt-
age is VDD. The A/D converter contains 4 special
registers which are; ADRL, ADRH, ADCR and ACSR.
The ADRH and ADRL registers contain the A/D result
register higher-order byte and lower-order byte conver-
sion values and are read-only. After the A/D conversion
is completed, the ADRH and ADRL should be read to
get the conversion result data. The ADCR is an A/D con-
verter control register, which defines the A/D channel
number, analog channel select, start A/D conversion
control bit and the end of A/D conversion flag. This reg-
ister is used to start an A/D conversion, define the PB
configuration, select the analog channel, and give the
START bit a rising and falling edge (0
®1®0). At the end
of the A/D conversion, the EOCB bit will be automati-
cally cleared to indicate that the conversion process has
finished. The ACSR is the A/D clock setting register,
which is used to select the A/D clock source.
The A/D converter control register is used to control the
A/D converter. Bits 2~0 of ADCR are used to select the
analog input channel. There are a total of eight selectable
channels. Bits 5~3 of ADCR are used to set the PB con-
figurations. PB can be setup to be either an analog input
or digital I/O line decided by these 3 bits. Once a PB line
is selected as an analog input, the I/O function and
pull-high resistor of the I/O line is disabled and the A/D
converter circuit is powered-on. The EOCB bit, bit6 of
ADCR, is the end of A/D conversion flag. This bit can be
monitored to know when the A/D conversion has fin-
ished. The START bit in the ADCR register is used to initi-
ate an A/D conversion process. By providing the START
bit with a rising edge and then a falling edge, the A/D
conversion process will be initiated. In order to ensure
that the A/D conversion has completed, the START bit
should remain at
²0² until the EOCB has cleared to ²0²,
which indicates the end of A/D conversion.
Bit 7 of the ACSR register is used for test purposes only
and must not be used for other purposes by the applica-
tion program. Bit1 and bit0 of the ACSR register are
used to select the A/D clock source.
When the A/D conversion has completed, the A/D inter-
rupt request flag will be set. The EOCB bit will be set to
²1² when the START bit is set from ²0² to ²1².
Important Note for A/D initialisation:
Special care must be taken to initialise the A/D con-
verter each time the Port B A/D channel selection bits
are modified, otherwise the EOCB flag may be in an un-
defined condition. An A/D initialisation is implemented
by setting the START bit high and then clearing it to zero
within 10 instruction cycles of the Port B channel selec-
tion bits being modified. Note that if the Port B channel
selection bits are all cleared to zero then an A/D initialis-
ation is not required.
Bit No.
Label
Function
0
1
ADCS0
ADCS1
Selects the A/D converter clock source
00= system clock/2
01= system clock/8
10= system clock/32
11= undefined
2~7
¾
Unused bit, read as
²0²
ACSR (27H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com