Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10103CC02T-XCGSB Datasheet(PDF) 4 Page - Ashcroft, Inc.

Part # 10103CC02T-XCGSB
Description  102/103, 202/203, 302/303 Flanged Diaphragm Seal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10103CC02T-XCGSB Datasheet(HTML) 4 Page - Ashcroft, Inc.

  10103CC02T-XCGSB Datasheet HTML 1Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 2Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 3Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 4Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
102/103, 202/203, 302/303 Flanged Diaphragm Seal
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
© 2021 Ashcroft Inc. 102_flanged_seal_ds_RevD_02-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 5
4
ORDERING CODE
Example:
50
1
02
C
C
02T -XCK
SE
300
RF
Process Connection Size
50 - ½ NPS
50
75 - ¾ NPS
10 - 1 NPS
15 - 1½ NPS
20 - 2 NPS
30 - 3 NPS
Diaphragm Type
1 - 100 Series metallic capsule diaphragm threaded into top housing
1
2 - 200 Series diaphragm welded (metallic) or bonded (elastomeric) to top housing
3 - 300 Series elastomeric diaphragm clamped between upper & lower housing
Bottom Housing Options
02 - Flanged process connection, without flushing connection
02
03 - Flanged process connection, with flushing connection
Diaphragm Materials (see table 2 on page 2)
C - 304L Stainless Steel
C
Bottom Housing Materials (see table 3 on page 2)
C - 304L SS
C
Instrument Connection Size
02T - ¼ NPT Female
02T
04T - ½ NPT Female
Options (if choosing option(s) must include an “X”)
-X__
Fill Fluids (see table 4 on page 3 for more available fill fluids)
CG - Glycerin
CK - 50 cSt Silicone
CK
CF - Halocarbon®
Optional Features
Flushing Port
AW - Single ½˝ flushing connections (03 bottom housing only)
DB - Dual ½˝ flushing connections (03 bottom housing only)
DK - Dual ¼˝ flushing connections (03 bottom housing only)
PU - Pipe plug for flushing connection
Top Housing
YM - Monel® 400 top housing
Assembly/Hardware
DU - Instrument welded to top housing
LD - SS locking device
NH - SS instrument tag
SB - SS clamping bolts
SE - SS flange rings and bolts
SE
Other
CD-5 - NACE compliance certificate
MQ - Positive material identification
6B - Cleaned for oxygen service
Flange Rating (see table 1 on page 1 for applicable pressure rating)
150 - ASME 150
300 - ASME 300
300
600 - ASME 600
900 - ASME 900
1500 - ASME 1500
2500 - ASME 2500 (Available by request)
Flange Types (contact Ashcroft for alternate flange types)
RF - Raised Face
RF
RJ - Ring Joint
FF - Flat Face
When selecting an instrument, refer to the Min/Max Guide for compatibility with this diaphragm seal or scan the QR code to the right.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com