Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

10103CC02T-XCGSB Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 10103CC02T-XCGSB
Description  102/103, 202/203, 302/303 Flanged Diaphragm Seal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

10103CC02T-XCGSB Datasheet(HTML) 1 Page - Ashcroft, Inc.

  10103CC02T-XCGSB Datasheet HTML 1Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 2Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 3Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 4Page - Ashcroft, Inc. 10103CC02T-XCGSB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
102/103, 202/203, 302/303 Flanged Diaphragm Seal
Data Sheet
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
© 2021 Ashcroft Inc. 102_flanged_seal_ds_RevD_02-17-21
ashcroft.com
info@ashcroft.com
1.800.328.8258
of 5
1
Diaphragm Threaded
To Top Housing -
flexible design
Diaphragm Welded
or Bonded To Top
Housing - eliminates
leak path
Diaphragm Clamped
Between Upper & Lower
Housing - flexible design for
elastomeric diaphragms
100 Series
200 Series
300 Series
SPECIFICATIONS
Connection Style:
102, 202, 302: Flanged
103, 203, 303: Flanged with flushing connection
Process Connection:
½, ¾, 1, 1½, 2 or 3 NPS
Instrument Connection:
1/4 or ½ NPT Female
Approvals:
CRN
TABLE 1 - FLANGE RATINGS
STAINLESS STEEL FLANGE
Maximum Allowable Pressure (psi)
Temp.
(°F)
FLANGE CLASS
150
300
600
900
1500
2500
<1000
275
750
1440
2160
3600
6000
200
230
600
1200
1800
3000
5000
300
205
540
1075
1615
2690
4480
400
190
495
995
1490
2485
4140
500
170
465
930
1395
2330
3880
600
140
440
885
1325
2210
3680
650
125
430
865
1295
2160
3600
700
110
420
845
1265
2110
2520
750
95
415
825
1240
2065
3440
800
80
405
810
1215
2030
3380
850
65
395
790
1190
1980
3300
900
50
390
780
1165
1945
3240
950
35
380
765
1145
1910
3180
10000
20
355
710
1065
1770
2950
CARBON STEEL FLANGE
Maximum Allowable Pressure (psi)
Temp.
(°F)
FLANGE CLASS
150
300
600
900
1500
2500
<1000
285
740
1480
2220
3705
6170
200
260
675
1350
2025
3375
5625
300
230
655
1315
1970
3280
5470
400
200
635
1270
1900
3170
5280
500
170
600
1200
1795
2995
4990
600
140
550
1095
1640
2735
4560
650
125
535
1075
1610
2685
4475
700
110
535
1065
1600
2665
4440
750
95
505
1010
1510
2520
4200
800
80
410
825
1235
2060
3430
850
65
270
535
805
1340
2230
900
50
170
345
515
860
1430
950
35
105
205
310
515
860
10000
20
50
105
155
280
430
WETTED COMPONENTS
Diaphragm
Bottom Housing
Gasket
See table 2 on page 2
See table 3 on page 2
PTFE
NON-WETTED COMPONENTS
Top Housing
Flange Rings
316L SS (standard), Monel®, titanium
Carbon steel
KEY BENEFITS
•Flushing port provides ease of cleaning
•Dual containment for safety
FEATURES
316L stainless steel top housing (standard)
A thin PTFE gasket between the diaphragm/bottom
housing ensures a leak-tight, corrosion resistant seal
Continuous duty design prevents loss of process fluid if
pressure instrument is removed or fails
Modular design allows for a suitable combination of
wetted and non-wetted materials for every application
TYPICAL USES
Oil and gas
Refineries
Chemical and petrochemical
Water and wastewater
Biogas and Biodiesel
NACE compliant process (Sour gas separation)


Similar Part No. - 10103CC02T-XCGSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10103 ETC2-10103 Datasheet
254Kb / 3P
Smooth, high torque, roller ratchet handle
logo
PHOENIX CONTACT
1010301 PHOENIX-1010301 Datasheet
323Kb / 8P
TMC 83C 60A - Miniature Circuit Breaker
1010305 PHOENIX-1010305 Datasheet
323Kb / 8P
TMC 83C 40A - Miniature Circuit Breaker
1010328 PHOENIX-1010328 Datasheet
229Kb / 8P
Consistent design of all Phoenix Contact Vehicle Connectors and Infrastructure Plugs
logo
FCI connector
10103592 FCI-CONNECTOR-10103592 Datasheet
205Kb / 1P
MICRO-USB B-TYPE REVERSE
More results

Similar Description - 10103CC02T-XCGSB

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VI-302-DP VARITRONIX-VI-302-DP Datasheet
36Kb / 1P
VI-302-DP
logo
TRINAMIC Motion Control...
BB-323 TRINAMIC-BB-323 Datasheet
447Kb / 1P
Baseboard for TMCM-323 and TMCM-302/TMCM-342 or TMCM-303/TMCM-343
TMCM-EVAL TRINAMIC-TMCM-EVAL Datasheet
474Kb / 1P
Evaluation Base board for TMCM-100, TMCM-301, TMCM-302 or TMCM-303
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-105A FUJI-EDS6-105A Datasheet
151Kb / 6P
FC SERIES DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
logo
STMicroelectronics
STM3210G-SK STMICROELECTRONICS-STM3210G-SK Datasheet
167Kb / 4P
Keil™ starter kit for STM32F100/101/102/103 lines (with STM32F103ZG MCU)
September 2013 Rev 1
logo
CUI Devices
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com