Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2442ITSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2442ITSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC2442ITSTRT Datasheet HTML 1Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 2Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 3Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 4Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 5Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 6Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 7Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 8Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pe
g
a
k
c
a
P
e
g
n
a
R
.
p
m
e
T
T
(
A)
R
T
S
T
I
2
4
4
2
C
S
4
2
-
P
O
S
S
TC
°
5
2
1
+
o
t
C
°
0
4
-
R
T
S
T
I
H
2
4
4
2
C
S
T
R
T
S
T
I
2
4
4
2
C
S
)
1
(
4
2
-
P
O
S
S
TC
°
5
2
1
+
o
t
C
°
0
4
-
T
R
T
S
T
I
H
2
4
4
2
C
S
)
1
(
(24 Pin TSSOP)
Notes:
Only available in tape and reel packaging. A reel
contains 2500 devices.
(1) Lead free devices
Top View
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tn
i
Ms
t
i
n
U
s
t
u
p
t
u
O
e
v
i
r
D
e
t
a
G
e
v
i
r
D
e
t
a
G
e
d
i
S
h
g
i
H
)
1
(
I
+
H
D
G
I
,
-
H
D
G
k
n
i
S
/
e
r
u
o
S+ 5
.
0A
e
v
i
r
D
e
t
a
G
e
d
i
S
w
o
L
)
1
(
I
+
L
D
G
I
,
-
L
D
G
k
n
i
S
/
e
r
u
o
S+ 5
.
0A
e
m
i
T
e
s
i
R
e
v
i
r
D
e
t
a
G
T
E
S
I
R
C
T
U
O
F
p
0
0
0
1
=0
3S
n
e
m
i
T
ll
a
F
e
v
i
r
D
e
t
a
G
T
L
L
A
F
C
T
U
O
F
p
0
0
0
1
=0
3S
n
e
l
c
y
C
y
t
u
D
m
u
m
i
x
a
Mx
a
m
D2
M
W
P
d
n
a
1
M
W
P
r
o
F5
84
9%
e
l
c
y
C
y
t
u
D
m
u
m
i
n
i
Mn
i
m
D2
M
W
P
d
n
a
1
M
W
P
r
o
F0
%
s
e
v
i
r
D
e
t
a
G
n
e
e
w
t
e
B
e
m
i
T
d
a
e
DT
D
A
E
D
0
0
1S
n
AVCC
BDI
VIN
OC1
EA1
FB1
SS1
BST1
GD1H
PH1
GD1L
PGND
PVCC
GD2L
PH2
GD2H
BST2
SS2
FB2
EA2
OC2
SYNC/EN
ROSC
AGND
Unless specified: T
A = TJ = -40 to 125°C, VIN = 24V,
V
CC = 7V,
Fc = 550KHz
NOTES:
(1) Guaranteed by design, not tested in production
(2) This device is sensitive to ESD. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com