Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC2442ITSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2442ITSTRT
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2442ITSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2442ITSTRT Datasheet HTML 2Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 3Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 4Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 5Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 6Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 7Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 8Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 9Page - Semtech Corporation SC2442ITSTRT Datasheet HTML 10Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
© 2007 Semtech Corp.
www.semtech.com
SC2442/H
POWER MANAGEMENT
Application Information (Contd)
Fig 1) Application Circuit for 5V to 3.3V/1.8V Low Power Dual Synchronous Buck Convertor
Fig 2) Input and output rise times with full load
Input 5V
3.3V Output
1.8V Output
J2-3
C13
2.2 uF
C21 47 pF
J2-2
C16 0.22 uF
R10
C22
10 nF
PH1
C15
J2-1
U1
AVCC
1
BDI
2
VIN
3
OC1 4
EA1
5
FB1
6
SS1
7
BST1 8
GD1H
9
PH1 10
GD1L
11
PGND
12
PVCC
13
GD2L
14
PH2 15
GD2H
16
BST2 17
SS2
18
FB2
19
EA2
20
OC2 21
SYNC/E N
22
ROSC
23
AGND
24
R16
100R
TP2
C14
C8
C23
10 nF
R9
C7
C20
47 pF
SS1
TP3
R3
100R
R5 2R
TP1
R4
100R
C4
100 uF 4V
D1
R7 3.3R
R6 2R
J1-1
R17
14K
R8 3.3R
C12
2.2 uF
R15
10K
R11 40.2K
C3
100 uF 4V
J2-4
R18
34K
C17 0.1 uF
R13
100K
D2
C24
1 nF
R14
10K
R19
100R
C19
10 nF
C25
1 nF
R12
220K
C18
4.7 nF
RTN
RTN
RTN
BST1
PH2
BST2
VIN
C10
15 uF
C11
15 uF
VOUT2
FB2
PVCC
FB1
OC1
ENA
R1
0.075R, 1/4W
R2
0.06R, 1/4W
L1 P1166.473T
1
2
L2 P1166.223T
1
2
••
QB
QT
•
•
QD1
FDS6982S
1
2
3
4
5
6
7
8
••
QB
QT
•
•
QD2
FDS6982S
1
2
3
4
5
6
7
8
SS2
OSC
1.8V/1A
3.3V/0.6A
4.75-6V
EA1
EA2
C2
VOUT1
OC2
J1-2
J1-3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com