| Electronic Components Datasheet Search |
|
TMS320DM6437 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320DM6437 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 309 page ![]() www.ti.com TMS320DM6437 Digital Media Processor SPRS345B – NOVEMBER 2006 – REVISED MARCH 2007 SEE ADDITIONS/MODIFICATIONS/DELETIONS Section 6.8 Section 6.8, Interrupts: Table 6-22, C64x+ Interrupt Controller Registers: Deleted 0x0180 0140 AEGMUX0 register row Deleted 0x0180 0144 AEGMUX1 register row Deleted 0x0180 01C0 EVTASRT register row Section 6.9.3 Section 6.9.3, EMIFA Electrical Data/Timing: Figure 6-14, Asynchronous Memory Read Timing for EMIF: Updated/Changed parameter #3, tc(EMRCYCLE), EMIF read cycle time Figure 6-15, Asynchronous Memory Write Timing for EMIF: Updated/Changed parameter #15, tc(EMWCYCLE), EMIF write cycle time Section 6.10.1.6 Section 6.10.1.6, VPFE Electrical Data/Timing: Table 6-35, Timing Requirements for VPFE PCLK Master/Slave Mode: Deleted the MAX value from parameter #1, tc(PCLK), Cycle time, PCLK Section 6.10.2.3 Section 6.10.2.3, VPBE Electrical Data/Timing: Table 6-42, Timing Requirements for VPBE CLK Inputs: Deleted the MAX value from parameter #1, tc(PCLK), Cycle time, PCLK Deleted the MAX value from parameter #5, tc(VPBECLK), Cycle time, VPBECLK Section 6.13.2 Section 6.13.2, HPI Peripheral Register Description(s): Table 6-55, HPI Control Registers: Updated/Changed the COMMENTS description for the PWREMU_MGMT register. Updated/Changed the COMMENTS description for the HPIC register. Updated/Changed the COMMENTS description for the HPIA (HIPAW/HPIAR) registers. Updated/Changed the associated HPIA footnote. Section 6.15.1.2 Section 6.15.1.2, McASP0 Peripheral Register Description(s): Table 6-72, McASP0 Data Registers: Updated/Changed the McASP0 Data Registers "ACRONYM" name from "XRBUF0" to "RBUF/XBUF". Section 6.16.2 Section 6.16.2, HECC Peripheral Register Description(s): Added the following HECC register tables: Table 6-75, HECC Control and Status Registers Table 6-76, HECC Message Object Registers Table 6-77, HECC Message Mailbox RAM Table 6-78, HECC Message Mailbox n RAM Entries Section 6.20 Section 6.20, Peripheral Component Interconnect (PCI): Updated/Changed "... a PCI backplane via the ..." to "... PCI-compliant devices via the ..." Section 6.20 Section 6.20, Peripheral Component Interconnect (PCI): Section 6.20.1, PCI Device-Specific Information: Updated/Changed Table 6-97, Default Values for PCI Configuration Registers Section 6.20 Section 6.20, Peripheral Component Interconnect (PCI): Section 6.20.2, PCI Peripheral Register Description(s): Deleted PCI Configuration Registers table Table 6-98: Updated/Changed the table title from "PCI Back End Configuration Registers" to "PCI Memory-Mapped Registers" Updated/Changed all "Back End Application" DSP Access Register Names to "DSP" Deleted 01C1 A038 PCIBCLKMGT row; now part of "Reserved" range Added/Combined the DSP-to-PCI Address Translation Registers table to the end of Table 6-98, PCI Memory-Mapped Registers Updated/Changed all "PCI Address Substitute n Register" DSP Access Register Names from "Substitute" to "Substituion" Section 6.20 Section 6.20, Peripheral Component Interconnect (PCI): Table 6-99, PCI Hook Configuration Registers: Deleted 01C1 A398 PCICMDSTATPRG row; now "Reserved" Deleted 01C1 A3A8 PCILRSTREG row; now "Reserved" Deleted 01C1 A3B0 through 01C1 A3F8 rows; now part of "Reserved" range Submit Documentation Feedback Revision History 9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |