| Electronic Components Datasheet Search |
|
L7815C Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7815C Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 52 page ![]() August 2007 Rev. 16 1/52 52 L78xx L78xxC Positive voltage regulators Features ■ Output current to 1.5 A ■ Output voltages of 5; 5.2; 6; 8; 8.5; 9; 10; 12; 15; 18; 20; 24 V ■ Thermal overload protection ■ Short circuit protection ■ Output transition SOA protection Description The L78xx series of three-terminal positive regulators is available in TO-220, TO-220FP, TO-3 and D2PAK packages and several fixed output voltages, making it useful in a wide range of applications. These regulators can provide local on-card regulation, eliminating the distribution problems associated with single point regulation. Each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible. If adequate heat sinking is provided, they can deliver over 1 A output current. Although designed primarily as fixed voltage regulators, these devices can be used with external components to obtain adjustable voltage and currents. TO-220FP D2PAK TO-220 TO-3 Table 1. Device summary Order codes L7805 L7810C L7805C L7812C L7852C L7815C L7806C L7818C L7808C L7820C L7885C L7824C L7809C www.st.com |
Similar Part No. - L7815C |
|
Similar Description - L7815C |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |