| Electronic Components Datasheet Search |
|
L7815C Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7815C Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 52 page ![]() L78xx - L78xxC Electrical characteristics 15/52 Table 8. Electrical characteristics of L7815 (refer to the test circuits, TJ = -55 to 150°C, VI = 23 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C 14.4 15 15.6 V VO Output voltage IO = 5 mA to 1 A, PO ≤15 W VI = 18.5 to 30 V 14.25 15 15.75 V ΔVO(1) Line regulation VI = 17.5 to 30 V, TJ = 25°C 150 mV VI = 20 to 26 V, TJ = 25°C 75 ΔVO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 150 mV IO = 250 to 750 mA, TJ = 25°C 75 Id Quiescent current TJ = 25°C 6 mA ΔId Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = 18.5 to 30 V 0.8 ΔVO/ΔT Output voltage drift IO = 5 mA 1.8 mV/°C eN Output noise voltage B =10 Hz to 100 KHz, TJ = 25°C 40 µV/VO SVR Supply voltage rejection VI = 18.5 to 28.5 V, f = 120 Hz 60 dB Vd Dropout voltage IO = 1 A, TJ = 25°C 2 2.5 V RO Output resistance f = 1 KHz 19 m Ω Isc Short circuit current VI = 35 V, TJ = 25°C 0.75 1.2 A Iscp Short circuit peak current TJ = 25°C 1.3 2.2 3.3 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |