Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 83 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 79Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 80Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 81Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 82Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 83Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 84Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 85Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 86Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 179 page
background image
ST10F272
System reset
83/179
Figure 17.
Asynchronous power-on RESET (EA = 1)
RSTF
P0[15:13]
P0[12:2]
transparent
transparent
P0[1:0]
not t.
not transparent
FLARST
V18
XTAL1
...
≤ 2 TCL
RST
≤ 1 ms
Latching point of Port0 for
system start-up configuration
VDD
≥ 1 ms (for on-chip VREG stabilization)
RPD
IBUS-CS
≤ 1.2 ms (for resonator oscillation + PLL stabilization)
≤ 10.2 ms (for crystal oscillation + PLL stabilization)
RSTIN
(After Filter)
≤ 500 ns
≥ 50 ns
7 TCL
3..4 TCL
(Internal)
not t.
not t.
not t.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com