Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 90Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 91Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 92Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 93Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 94Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 95Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 96Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 97Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 179 page
background image
System reset
ST10F272
94/179
Figure 26.
SW / WDT unidirectional RESET (EA = 0)
20.6
Bidirectional reset
As shown in the previous sections, the RSTOUT pin is driven active (low level) at the
beginning of any reset sequence (synchronous/asynchronous hardware, software and
watchdog timer resets). RSTOUT pin stays active low beyond the end of the initialization
routine, until the protected EINIT instruction (End of Initialization) is completed.
The Bidirectional Reset function is useful when external devices require a reset signal but
cannot be connected to RSTOUT pin, because RSTOUT signal lasts during initialization. It
is, for instance, the case of external memory running initialization routine before the
execution of EINIT instruction.
Bidirectional reset function is enabled by setting bit 3 (BDRSTEN) in SYSCON register. It
only can be enabled during the initialization routine, before EINIT instruction is completed.
When enabled, the open drain of the RSTIN pin is activated, pulling down the reset signal,
for the duration of the internal reset sequence (synchronous/asynchronous hardware,
synchronous software and synchronous watchdog timer resets). At the end of the internal
reset sequence the pull down is released and:
●
After a Short Synchronous Bidirectional Hardware Reset, if RSTF is sampled low 8
TCL periods after the internal reset sequence completion (refer to Figure 21 and
Figure 22), the Short Reset becomes a Long Reset. On the contrary, if RSTF is
sampled high the device simply exits reset state.
●
After a Software or Watchdog Bidirectional Reset, the device exits from reset. If RSTF
remains still low for at least 4 TCL periods (minimum time to recognize a Short
Hardware reset) after the reset exiting (refer to Figure 27 and Figure 28), the Software
or Watchdog Reset become a Short Hardware Reset. On the contrary, if RSTF remains
low for less than 4 TCL, the device simply exits reset state.
P0[7:2]
not transparent
P0[12:8]
transparent
not t.
P0[1:0]
not t.
not transparent
RST
1024 TCL
RSTOUT
RSTIN
ALE
8 TCL
P0[15:13]
not transparent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com