Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 106Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 107Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 108Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 109Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 110Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 179 page
background image
ST10F272
Power reduction modes
107/179
Before entering Power Down mode (by executing the instruction PWRDN), bit VREGOFF in
XMISC register must be set.
Note:
Leaving the main voltage regulator active during Power Down may lead to unexpected
behavior (ex: CPU wake-up) and power consumption higher than what specified.
21.2.1
Protected power down mode
This mode is selected when PWDCFG (bit 5) of SYSCON register is cleared. The Protected
Power Down mode is only activated if the NMI pin is pulled low when executing PWRDN
instruction (this means that the PWRD instruction belongs to the NMI software routine). This
mode is only deactivated with an external hardware reset on RSTIN pin.
21.2.2
Interruptible power down mode
This mode is selected when PWDCFG (bit 5) of SYSCON register is set.
The Interruptible Power Down mode is only activated if all the enabled Fast External
Interrupt pins are in their inactive level.
This mode is deactivated with an external reset applied to RSTIN pin or with an interrupt
request applied to one of the Fast External Interrupt pins, or with an interrupt generated by
the Real Time Clock, or with an interrupt generated by the activity on CAN’s and I2C module
interfaces. To allow the internal PLL and clock to stabilize, the RSTIN pin must be held low
according the recommendations described in Chapter 20: System reset on page 80.
An external RC circuit must be connected to RPD pin, as shown in the Figure 36.
Figure 36.
External RC circuitry on RPD pin
To exit Power Down mode with an external interrupt, an EXxIN (x = 7...0) pin has to be
asserted for at least 40ns.
21.3
Stand-by mode
In Stand-by mode, it is possible to turn off the main VDD provided that VSTBY is available
through the dedicated pin of the ST10F272.
To enter Stand-by mode it is mandatory to held the device under reset: once the device is
under reset, the RAM is disabled (see XRAM2EN bit of XPERCON register), and its digital
interface is frozen in order to avoid any kind of data corruption.
A dedicated embedded low-power voltage regulator is implemented to generate the internal
low voltage supply (about 1.65V in Stand-by mode) to bias all those circuits that shall remain
active: the portion of XRAM, the RTC counters and 32 kHz on-chip oscillator amplifier.
RPD
VDD
C0
R0
220k
Ω minimum
1
µF Typical
ST10F272
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com