Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 147Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 148Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 149Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 150Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 151Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 179 page
background image
ST10F272
Electrical characteristics
151/179
Jitter in the input clock
PLL acts like a low pass filter for any jitter in the input clock. Input Clock jitter with the
frequencies within the PLL loop bandwidth is passed to the PLL output and higher frequency
jitter (frequency > PLL bandwidth) is attenuated @20dB/decade.
Noise in the PLL loop
This contribution again can be caused by the following sources:
●
Device noise of the circuit in the PLL
●
Noise in supply and substrate.
Device noise of the circuit in the PLL
The long term jitter is inversely proportional to the bandwidth of the PLL: the wider is the
loop bandwidth, the lower is the jitter due to noise in the loop. Besides, the long term jitter is
practically independent on the multiplication factor.
The most noise sensitive circuit in the PLL circuit is definitively the VCO (Voltage Controlled
Oscillator). There are two main sources of noise: thermal (random noise, frequency
independent so practically white noise) and flicker (low frequency noise, 1/f). For the
frequency characteristics of the VCO circuitry, the effect of the thermal noise results in a 1/f2
region in the output noise spectrum, while the flicker noise in a 1/f3. Assuming a noiseless
PLL input and supposing that the VCO is dominated by its 1/f2 noise, the R.M.S. value of the
accumulated jitter is proportional to the square root of N, where N is the number of clock
periods within the considered time interval.
On the contrary, assuming again a noiseless PLL input and supposing that the VCO is
dominated by its 1/f3 noise, the R.M.S. value of the accumulated jitter is proportional to N,
where N is the number of clock periods within the considered time interval.
The jitter in the PLL loop can be modelized as dominated by the i1/f2 noise for N smaller
than a certain value depending on the PLL output frequency and on the bandwidth
characteristics of loop. Above this first value, the jitter becomes dominated by the i1/f3 noise
component. Lastly, for N greater than a second value of N, a saturation effect is evident, so
the jitter does not grow anymore when considering a longer time interval (jitter stable
increasing the number of clock periods N). The PLL loop acts as a high pass filter for any
noise in the loop, with cutoff frequency equal to the bandwidth of the PLL. The saturation
value corresponds to what has been called self referred long term jitter of the PLL. In
Figure 46 the maximum jitter trend versus the number of clock periods N (for some typical
CPU frequencies) is reported: the curves represent the very worst case, computed taking
into account all corners of temperature, power supply and process variations: the real jitter
is always measured well below the given worst case values.
Noise in supply and substrate
Digital supply noise adds deterministic components to the PLL output jitter, independent on
multiplication factor. Its effects is strongly reduced thanks to particular care used in the
physical implementation and integration of the PLL module inside the device. Anyhow, the
contribution of the digital noise to the global jitter is widely taken into account in the curves
provided in Figure 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com