Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F272Z2Q3 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST10F272Z2Q3
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2Q3 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST10F272Z2Q3 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2Q3 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 179 page
background image
Electrical characteristics
ST10F272
156/179
Figure 49.
External clock drive XTAL1
Note:
When Direct Drive is selected, an external clock source can be used to drive XTAL1. The
maximum frequency of the external clock source depends on the duty cycle: when 64MHz is
used, 50% duty cycle shall be granted (low phase = high phase = 7.8ns); when for instance
32MHz is used, a 25% duty cycle can be accepted (minimum phase, high or low, again
equal to 7.8ns).
24.8.14
Memory cycle variables
The tables below use three variables which are derived from the BUSCONx registers and
represent the special characteristics of the programmed memory cycle. The following table
describes, how these variables are to be computed.
24.8.15
External memory bus timing
The following sections include the External Memory Bus timings. The given values are
computed for a maximum CPU clock of 40MHz.
Obviously, when higher CPU clock frequency is used (up to 64MHz), some numbers in the
timing formulas become zero or negative which, in most cases is not acceptable or not
meaningless at all. In these cases, it is necessary to relax the speed of the bus setting
properly tA, tC and tF.
Note:
All External Memory Bus Timings and SSC Timings reported in the following tables are
granted by Design Characterization and not fully tested in production.
t1
t3
t4
VIL2
t2
tOSC
VIH2
Table 76.
Memory cycle variables
Description
Symbol
Values
ALE Extension
tA
TCL x [ALECTL]
Memory Cycle Time wait states
tC
2TCL x (15 - [MCTC])
Memory Tri-state Time
tF
2TCL x (1 - [MTTC])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com