| Electronic Components Datasheet Search |
|
LD1086D2T25TR Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1086D2T25TR Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 37 page ![]() July 2007 Rev. 18 1/37 37 LD1086xx 1.5A Low drop positive voltage regulator adjustable and fixed Features ■ Typical dropout 1.3V at 1.5A ■ Three terminal adjustable or fixed output voltage 1.5V, 1.8V, 2.5V, 3.3V, 3.6V, 5V, 8V, 9V, 12V. ■ Guaranteed output current up to 1.5A ■ Output tolerance ±1% at 25°C and ±2% in full temperature range ■ Internal power and thermal limit ■ Wide operating temperature range -40°C to 125°C ■ Package available: TO-220, D2PAK, D2PAK/A, DPAK ■ Pinout compatibility with standard adjustable VREG Description The LD1086 is a LOW DROP voltage regulator able to provide up to 1.5A of output current. Dropout is guaranteed at a maximum of 1.2V at the maximum output current, decreasing at lower loads. The LD1086 is pin to pin compatible with the older 3-terminal adjustable regulators, but has better performances in term of drop and output tolerance. A 2.85V output version is suitable for SCSI-2 active termination. Unlike PNP regulators, where a part of the output current is wasted as quiescent current, the LD1086 quiescent current flows into the load, so increase efficiency. Only a 10µF minimum capacitor is need for stability. The device is supplied in TO-220, D2PAK, D2PAK/A and DPAK. On chip trimming allows the regulator to reach a very tight output voltage tolerance, within ±1% at 25°C. DPAK D2PAK/A TO-220 D2PAK Table 1. Device summary Part number LD1086XX LD1086XX33 LD1086XX12 LD1086XX36 LD1086XX15 LD1086XX50 LD1086XX18 LD1086XX80 LD1086XX25 LD1086XX90 www.st.com |
Similar Part No. - LD1086D2T25TR |
|
Similar Description - LD1086D2T25TR |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |