| Electronic Components Datasheet Search |
|
LD1086D2T25TR Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1086D2T25TR Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 37 page ![]() Electrical characteristics LD1086xx 10/37 Table 7. Electrical characteristics of LD1086#33 (VI=6.3V, CI = CO =10μF, TA = -40 to 125°C, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage (1) IO = 0 mA, TJ = 25°C 3.267 3.3 3.333 V IO = 0 to 1.5A, VI = 4.9 to 30V 3.234 3.3 3.366 V ΔVO Line regulation IO = 0 mA, VI = 4.9 to 18V, TJ = 25°C 0.5 6 mV IO = 0 mA, VI = 4.9 to 18V 1 6 mV ΔVO Load regulation IO = 0 to 1.5A, TJ = 25°C 1 10 mV IO = 0 to 1.5A 7 25 mV Vd Dropout voltage IO = 1.5A 1.3 1.5 V Iq Quiescent current VI ≤30V 5 10 mA Isc Short circuit current VI - VO = 5V 1.5 2 A VI - VO = 25V 0.05 0.2 A Thermal regulation TA = 25°C, 30ms pulse 0.008 0.04 %/W SVR Supply voltage rejection f = 120 Hz, CO = 25 μF, IO = 1.5A VI = 8.3 ± 3V 60 79 dB eN RMS Output noise voltage (% of VO) TA = 25°C, f =10Hz to 10KHz 0.003 % S Temperature stability 0.5 % S Long term stability TA = 125°C, 1000Hrs 0.5 % 1. See short-circuit current curve for available output current at fixed dropout. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |