Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA5620TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA5620TR
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA5620TR Datasheet HTML 5Page - STMicroelectronics STA5620TR Datasheet HTML 6Page - STMicroelectronics STA5620TR Datasheet HTML 7Page - STMicroelectronics STA5620TR Datasheet HTML 8Page - STMicroelectronics STA5620TR Datasheet HTML 9Page - STMicroelectronics STA5620TR Datasheet HTML 10Page - STMicroelectronics STA5620TR Datasheet HTML 11Page - STMicroelectronics STA5620TR Datasheet HTML 12Page - STMicroelectronics STA5620TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
STA5620
Functional description
9/29
3
Functional description
3.1
RFA and MIXER section
The 1575.42 MHz RF signal at the output of the external SAW filter is amplified by a RF
amplifier (RFA) and then down converted by an image rejection mixer.
The good performances of the cascade configuration and the technology choice guarantee
a noise figure better than 4.5dB in typical conditions. In fact, the RFA gain is high enough to
minimize the effects on the noise figure of the following integrated stages.
The linearity of the RFA and Mixer section ensures immunity to RF blockers close to the
GPS signal. Then it allows the use of low quality external pre-selection filters.
Two ninety degrees out of phase signals are derived from the VCO and send to the input of
the image rejection mixer. A minimum image rejection ratio of 20dB is guaranteed.
The chosen IF frequency is 4fo = 4.092MHz.
3.2
IF section
The output of the mixer combiner is processed through an integrated filter able to select the
GPS L1 bands. The IF filter cuts any out-of-band signal including the mixer products. In
addition it acts as an anti-aliasing filter for the A/D converter. An attenuation of 20dB is
guaranteed at 12fo = 12.276 MHz.
The IF filter characteristic is calibrated by an internal loop which compensates process,
temperature and voltage variations.
In order to let the baseband reconstruct the received information, the IF filter must not
introduce an excessive phase shift within the signal bandwidth.
3.3
Variable gain amplifiers
A cascade of variable gain amplifiers and the relevant control circuit balance the system
gain in relationship to the RF input signal strength. In that way the signal level at the input of
the A/D converter is suitably compensated.
The device is able to self-adjust the AGC gain by integrating the MAG output by a dedicated
circuit in order to obtain 33% of MAG bit duty cycle. The loop is compensated by an external
capacitor connected to the AGC_CTRL pin. The relevant voltage is used to control the
variable gain amplifiers.
The internal loop can be by-passed by setting a voltage to the AGC_CTRL input pin. A
dynamic range of around 55dB is typically achieved.
3.4
A/D converter
The task of the A/D converter is to determine the sign and the magnitude of the received
signal. The A/D converter sampling frequency is 16fo = 16.368 MHz.
Those baseband chips with just one bit input will use only the sign bit. In that case the
AGC_CTRL pin must be connected to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com