Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA5620TR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA5620TR
Description  Fully integrated RF front-end for GPS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5620TR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA5620TR Datasheet HTML 19Page - STMicroelectronics STA5620TR Datasheet HTML 20Page - STMicroelectronics STA5620TR Datasheet HTML 21Page - STMicroelectronics STA5620TR Datasheet HTML 22Page - STMicroelectronics STA5620TR Datasheet HTML 23Page - STMicroelectronics STA5620TR Datasheet HTML 24Page - STMicroelectronics STA5620TR Datasheet HTML 25Page - STMicroelectronics STA5620TR Datasheet HTML 26Page - STMicroelectronics STA5620TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
STA5620
Chip enable and reset timing
23/29
8.2
Default configuration
This table describes the default configuration of the STA5620 internal registers.
Table 15.
Default configuration
Bit Name
Description
Values
(MODE_EN=0)
(MODE_EN=1)
Sample mode configuration
MST
Sample clock Source Selector
0 = Xtal Osc
1 = VCO/96,
01
Default xtal/TCXO frequency
16.368MHz
19.200MHz
Power enable configuration
ENM
RF Chain Enable
(From the RFA Input to the
AGC Output)
0 = RF chain OFF,
1 = RF chain On
If RFE bit or RF_EN pin = 1
11
RFE
RF Chain Enable
(From the RFA Input to the
AGC Output)
0 = controlled by RF_EN pin,
1 = RF chain On
00
GCE
GPS Clock Enable
0 = GPS clock Off,
1 = GPS clock On
11
AGC
Automatic Control Gain
Enable
0 = AGC function Off,
1 = AGC function On
11
XCE
Xtal Clock Enable
0 = Off,
1 = On
01
IFB
IF Output Buffer Enable
0 = Off,
1 = On
00
VCO
Voltage Controlled Oscillator
Enable
0 = Off,
1 = On
11
IF
IF enable
0 = Off,
1 = On
11
MIX
Mixer enable
0 = Off,
1 = On
11
RFA
RF Amplifier enable
0 = Off,
1 = On
11
PLL
Phase Locked Loop Enable
(Dividers, PFD, Charge
Pump).
0 = Off,
1 = On
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com