Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2GC3CS2011CCX Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # E2GC3CS2011CCX
Description  E2 Sanitary Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2GC3CS2011CCX Datasheet(HTML) 3 Page - Ashcroft, Inc.

  E2GC3CS2011CCX Datasheet HTML 1Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 2Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 3Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 4Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 5Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Data Sheet
E2 Sanitary Pressure Transducer
of 6
3
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®, Neobee®,
Superseal® and Tri-Clamp®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2_san_seal_trans_ds_RevG_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
E2G
A
5
C
S15
42
CC
X
10
F
100# -XNH
Model
E2G - Sanitary Pressure Transducer
E2G
Sensor Materials - See Table 2 on page 4 for range options
A - 17-4PH® Stainless steel
A
C - 316L Stainless steel (liquid isolated)
Accuracy
3 - ±0.25% span
5 - ±0.50% span
5
7 - ±1.00% span
Calibration Chart
N - Without calibration chart
C - With Traceable calibration certificate
C
Pressure Connections - See Table 3 on page 4 for dimensional information
S15 - 1.5˝ Tri-Clamp®
S15
S20 - 2.0˝ Tri-Clamp®
Output Type - Note: Consult factory for additional outputs
05 - 0-5 Vdc (Not available with X1L variation)
10 - 0-10 Vdc (Not available with X1L variation)
11 - 1-11 Vdc
12 - 1-10 Vdc
15 - 1-5 Vdc
16 - 1-6 Vdc
42 - 4-20 mA
42
45 - 0.5-4.5 Vdc non-ratiometric
00 - Custom
Electrical Terminations - See Table 4 on page 5 for more options
CC - (½ NPT conduit w/cable)
CC
Mating Connector
M - With mating connector
X - Without mating connector
X
Cable Length
Max cable length of 30 ft for outputs 05, 10, 11, 12, 13, 15, 16 and 45. Max cable length of 99 ft for outputs 24 and 42.
00 - No cable
XX - 01 to 99
10
Unit of Length
F - Feet
F
M - Meter
N - Inches
0 - No cable
Pressure Ranges - Coding example only, see Table 5 on page 6 for more options
100# - 100 psig
100#
Options (if choosing an option(s) must include an “X”)
-X__
NN - Paper tag
NH - Stainless steel tag
NH
CZ - Silicone fill fluid (3-A certified)
MY - Light mineral oil fill fluid (3-A certified)
NM - Neobee® M20 fill fluid (3-A certified)
FJ - Distilled water fill fluid (3-A certified)
1L - SIL certification for E2 series transducer
Accessory
Part Number
Offset and Span Adjustment Magnet
266A143-01
Accessories must be ordered separately



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com