Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

E2GC3CS2011CCX Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # E2GC3CS2011CCX
Description  E2 Sanitary Pressure Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

E2GC3CS2011CCX Datasheet(HTML) 2 Page - Ashcroft, Inc.

  E2GC3CS2011CCX Datasheet HTML 1Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 2Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 3Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 4Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 5Page - Ashcroft, Inc. E2GC3CS2011CCX Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
E2 Sanitary Pressure Transducer
of 6
2
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft trademarks are
the property of their respective owners: 17-4PH®, AMP®, Deutsch®, Hirschmann®, Metri-Pack®, Neobee®,
Superseal® and Tri-Clamp®. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. e2_san_seal_trans_ds_RevG_10-24-24
ashcroft.com
| 1.800.328.8258 | Contact Us
APPROVALS
CE, UL/cUL Recognized component (UL 61010-1, CSA 22.2 61010-1),
Electrical Equipment for Measurement, Control, and Laboratory Use.
TABLE 1: PROOF & BURST
PRESSURE MULTIPLIERS
Sensor A -
17-4PH® SS
Sensor C -
316L SS
Sensor
Range Proof
Burst
Proof
Burst
(
psi)
30
60
150
45
90
360
90
225
50
100
400
100
250
60
120
480
120
300
75
150
600
150
375
100
200
800
200
500
150
300
1000
300
600
200
400
1000
400
600
300
600
1000
600
900
500
1000
1000
1000
1000
750
1000
1000
1000
1000
1000
(Compound)
VAC#
30
75
V&15#
60
150
V&30#
90
225
V&45#
120
480
V&60#
150
600
150
375
V&100#
230
920
V&150#
330
1000
330
660
V&200#
430
1000
V&300#
630
1000
630
945
(psia)
15
30
75
30
60
150
70
140
350
150
300
600
300
600
900
500
1000
1000
EMC:
Directive 2014/30/EU, EN61326-1,
EN61326-2-3 (Industrial Env.)
Immunity:
61000-4-2 (ESD)
±4 kV/±8 kV (Contact/Air)
61000-4-3 (Radiated RF)
10 V/m to 1GHZ, 3 V/m to
2 GHz, 1 V/m to 2.7 GHz
61000-4-4 (EFT/Burst)
±1k V (5/50 ns, 5 kHz)
61000-4-5 (Surge)
±1k V, Earth to Shield over
all I/O lines
61000-4-6 (Conducted RF)
3 V/ (0.15 to 80 MHz)
61000-4-8 (Line Freq. Magnetic) 30 A/m
Emissions: EN 55011 (CISPR 11) Class A, Group 1 & FCC (47 CFR 15)
PHYSICAL SPECIFICATIONS
Ingress Rating:
IP66 (NEMA 4X) (STD.)
IP67 (IP69K Consult factory)
WETTED MATERIAL
Diaphragm:
Process Connection:
316L Stainless steel (12-20 Ra Surface finish)
316L Stainless steel (Electro-polished)
NON-WETTED MATERIAL
Housing:
Sensor:
316L Stainless steel
A - 17-4PH® Stainless steel
C - 316L Stainless steel
EMC TESTING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com