Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S01331BBCAB Datasheet(PDF) 5 Page - Ashcroft, Inc.

Part # S01331BBCAB
Description  S01 RTD & Thermocouple Inserts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S01331BBCAB Datasheet(HTML) 5 Page - Ashcroft, Inc.

  S01331BBCAB Datasheet HTML 1Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 2Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 3Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 4Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S01_RTD_Thermo_Insert_ds_RevB_03-30-23
ashcroft.com
| 1.800.328.8258 | Contact Us
S01 TC ORDERING CODE
Example:
S01
S
T
K
N
1
1
3
B
--
Area Classification
S - Standard
S
J - Intrinsic Safety - ia
B - Intrinsic Safety - ib
E - Increased safety
N - Non-Incendive
Sheath Diameter
R - 1⁄8˝ Ø3.18 mm
S - 3⁄16˝ Ø4.76 mm
T - ¼˝ Ø6.35 mm
T
3 - 3 mm
4 - 4.5 mm
6 - 6 mm
8 - 8 mm
Thermocouple Type
E - Temperature range: -200 to 800°C
J - Temperature range: -40 to 750°C
K - Temperature range: -200 to 1000°C
K
N - Temperature range: -200 to 1000°C
Accuracy or Class
N - ANSI MC 96.1: Standard Limits
S - ANSI MC 96.1: Special Linimts
1 - IEC 60584-2: class 1
2 - IEC 60584-2: class 2
N
3 - IEC 60584-2: class 3
Junction
1 - Ungrounded
1
2 - Grounded
3 - Ungrounded, vibration-proof
4 - Grounded, vibration-proof
Electrical Circuit
1 - Single
1
2 - Dual
Sheath Material
1 - AISI 316/ 1.4401
3 - Inconel 600/ 2.4816
3
Head Type
A - Dimension DIN A
B - Dimension DIN B
B
--
--
S01 RTD & Thermocouple Inserts
of 5
5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com