Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S01331BBCAB Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # S01331BBCAB
Description  S01 RTD & Thermocouple Inserts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

S01331BBCAB Datasheet(HTML) 1 Page - Ashcroft, Inc.

  S01331BBCAB Datasheet HTML 1Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 2Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 3Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 4Page - Ashcroft, Inc. S01331BBCAB Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Trust the Shield® are trademarks a of Ashcroft Inc. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. S01_RTD_Thermo_Insert_ds_RevB_03-30-23
ashcroft.com
| 1.800.328.8258 | Contact Us
KEY BENEFITS
• Flexible designs for critical applications.
• Fast response times
DESCRIPTION
The sensors incorporated in these inserts are with a mineral
insulation metal sheath. They can be of two types: resistance
temperature detectors (RTDs) or thermocouples (TCs). In each
case, the sensor supplies an electrical signal corresponding to
the temperature. Integral DIN style terminal block and transmitter
designs. The travel of this spring mounting assures best thermal
conductivity, compensation of length tolerances in thermowells
and protection against vibration. When mounted in thermowells,
inserts can be simply replaced, without removing the thermowell
from the pipe and without any process interruption.
TYPICAL USES
n For industrial applications used for probe
replacements
n Special designs for intrisically safe and
non-incendive application
(1) Absolute temperature in °C
Thermocouples (IEC 60584-2)
Type J
Type K
Type E
Type N
Class 1
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
±1.5 °C or
±0.0040*|t|(1)
Class 2
±2.5 °C or
±0.0075*|t|(1)
±2.5 °C or
±0.0075*|t|(1)
±2.5°C or
±0.0075*|t|(1)
±2.5 °C or
±0.0040*|t|(1)
Class 3
N/A
±2.5 °C or
±0.0040*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
±2.5 °C or
±0.0150*|t|(1)
Thermocouples (ANSI MC 96.1)
Type J
Type K
Type E
Type N
Standard
±2.2 °C or
±0.0075*|t|(1)
±2.2 °C or
±0.0075*|t|(1)
±1.7 °C or
±0.0050*|t|(1)
±2.2 °C or
±0.0040*|t|(1)
Special
±1.1 °C or
±0.0040*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
±1.0 °C or
±0.0075*|t|(1)
±1.1 °C or
±0.0040*|t|(1)
RTD
TC grounded
TC ungrounded
Ceramic terminal block
or transmitter :
Size DIN B
Diam. 42 mm
Screw spring : 33 mm
Screw thread : M4 x 1.5
Spring travel : 8 to 10 mm
SPECIFICATIONS
Ashcroft Series:
S01
Insert Stem Diameter:
1
⁄8˝, 3⁄16˝, ¼˝, 3 mm, 4.5 mm, 6 mm, 8 mm
Stem Length:
Minimum: 50 mm/2 in
Maximum: 3 m/120 in
Sensor Type &
Measuring Range
RTDs Platinum 385
Pt 100 -200 to 600 °C
Pt 1000 -40 to 600°C
Thermocouples
Type J -40 to 750 °C
Type E -200 to 800 °C
Type K -200 to 1000 °C
Type N -200 to 1000 °C
Wiring Configuration:
RTDs single or dual
2 Wire
3 Wire
4 Wire
Thermocouples
2 Wire single or dual
Accuracy Class
RTD's (IEC 60751)
Class A: ±(0.15 + 0.0020 |t|)
Class B: ±(0.30 + 0.0050 |t|)
Class AA: ±(0.10 + 0.0017 |t|)
S01 RTD & Thermocouple Inserts
of 5
1
S01 RTD & Thermocouple Inserts


Similar Part No. - S01331BBCAB

ManufacturerPart #DatasheetDescription
logo
Kluber Lubrication Munc...
S01-004 KLUBER-S01-004 Datasheet
114Kb / 2P
Aqueous graphite suspension
18.06.2018
logo
Harwin Plc
S01-30200500 HARWIN-S01-30200500 Datasheet
61Kb / 1P
EZ SHIELD CAN
S01-30300500 HARWIN-S01-30300500 Datasheet
61Kb / 1P
EZ SHIELD CAN
S01-50250500 HARWIN-S01-50250500 Datasheet
61Kb / 1P
EZ SHIELD CAN
logo
NIHON DEMPA KOGYO
S010G010GA NDK-S010G010GA Datasheet
499Kb / 2P
Local Oscillator of Microwave Equipment
More results

Similar Description - S01331BBCAB

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ADAM-4011 ADVANTECH-ADAM-4011 Datasheet
264Kb / 2P
Thermocouple Input Module Analog Input Module RTD Input Module
logo
National Instruments Co...
CFP-TC-120 NI-CFP-TC-120 Datasheet
194Kb / 6P
Thermocouple and RTD Modules for Compact FieldPoint
logo
TT Electronics.
DS3117 TTELEC-DS3117 Datasheet
288Kb / 1P
Thermocouple Connectors
logo
Pepperl+Fuchs Inc.
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
logo
NHP Electrical Engineer...
1756-IRT8I NHP-1756-IRT8I Datasheet
580Kb / 2P
CONTROLLOGIX 8AI RTD/THERMOCOUPLE ISOLATED MODULE
8 June 2023,
1794-IRT8 NHP-1794-IRT8 Datasheet
512Kb / 2P
FLEX I/O 8AI THERMOCOUPLE/RTD/MV MODULE
7 June 2023,
1794-IRT8XT NHP-1794-IRT8XT Datasheet
472Kb / 1P
FLEX I/O XT 8AI THERMOCOUPLE/RTD/MV MODULE
7 June 2023,
logo
Ulti-Mate Connector Inc
SD-836121818 ULTI-MATE-SD-836121818 Datasheet
88Kb / 1P
MICRO-D CIRCUIT CONNECTOR PLUG (PINS), 15 POSITION, STYLE 8 W/THREADED INSERTS CM8R15P07T-S01
03/02/2017
logo
Omega Engineering, Inc.
OSW OMEGA-OSW Datasheet
463Kb / 3P
Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com