Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS8H100FP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS8H100FP
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100FP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS8H100FP Datasheet HTML 1Page - STMicroelectronics STPS8H100FP Datasheet HTML 2Page - STMicroelectronics STPS8H100FP Datasheet HTML 3Page - STMicroelectronics STPS8H100FP Datasheet HTML 4Page - STMicroelectronics STPS8H100FP Datasheet HTML 5Page - STMicroelectronics STPS8H100FP Datasheet HTML 6Page - STMicroelectronics STPS8H100FP Datasheet HTML 7Page - STMicroelectronics STPS8H100FP Datasheet HTML 8Page - STMicroelectronics STPS8H100FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
June 2006
Rev 10
1/9
9
STPS8H100
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
■ Negligible switching losses
■ High junction temperature capability
■ Low leakage current
■ Good trade off between leakage current and
forward voltage drop
■ Insulated package:
– TO-220FPAC
Insulating voltage = 2000 V DC
Typical package capacitance = 12 pF
■ Avalanche capability specified
Description
Schottky barrier rectifier designed for high
frequency compact Switched Mode Power
Supplies such as adaptators and on board
DC/DC converters.
Order Codes
IF(AV)
8 A
VRRM
100 V
Tj
175° C
VF(max)
0.58 V
Part Number
Marking
STPS8H100D
STPS8H100D
STPS8H100G
STPS8H100G
STPS8H100G-TR
STPS8H100G
STPS8H100FP
STPS8H100FP
K
A
NC
K
A
K
A
D2PAK
STPS8H100G
TO-220FPAC
STPS8H100FP
TO-220AC
STPS8H100D
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
100
V
IF(RMS)
RMS forward voltage
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AC, D2PAK
TC = 165° C
8
A
DO-15
TC = 150° C
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
250
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25° C
10800
W
Tstg
Storage temperature range
-65 to + 175
° C
Tj
Maximum operating junction temperature
175
° C
www.st.com


Similar Part No. - STPS8H100FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS8H100FP STMICROELECTRONICS-STPS8H100FP Datasheet
139Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jan-2002
logo
Inchange Semiconductor ...
STPS8H100FP ISC-STPS8H100FP Datasheet
275Kb / 2P
Schottky Barrier Rectifier
logo
STMicroelectronics
STPS8H100FP STMICROELECTRONICS-STPS8H100FP Datasheet
532Kb / 14P
High voltage power Schottky rectifier
14-Dec-2015
More results

Similar Description - STPS8H100FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com