Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS8H100FP Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS8H100FP
Description  High voltage power Schottky rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS8H100FP Datasheet(HTML) 4 Page - STMicroelectronics

  STPS8H100FP Datasheet HTML 1Page - STMicroelectronics STPS8H100FP Datasheet HTML 2Page - STMicroelectronics STPS8H100FP Datasheet HTML 3Page - STMicroelectronics STPS8H100FP Datasheet HTML 4Page - STMicroelectronics STPS8H100FP Datasheet HTML 5Page - STMicroelectronics STPS8H100FP Datasheet HTML 6Page - STMicroelectronics STPS8H100FP Datasheet HTML 7Page - STMicroelectronics STPS8H100FP Datasheet HTML 8Page - STMicroelectronics STPS8H100FP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STPS8H100
4/9
Figure 9.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAC)
Figure 10.
Reverse leakage current versus
reverse voltage applied (typical
values)
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
δ = 0.1
δ = 0.2
δ = 0.5
Single pulse
T
δ=tp/T
=tp/T
tp
tp
0
102030405060708090
100
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
5E+3
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Figure 11.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 12.
Forward voltage drop versus
forward current (maximum values)
Figure 13.
Thermal resistance junction to
ambient versus copper surface
under tab - Epoxy printed circuit
board FR4, ecu = 35 µm (D
2PAK)
1
10
100
100
200
500
1000
VR(V)
C(pF)
F=1MHz
Tj=25°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0.1
1.0
10.0
50.0
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
0
4
8
12
16
20
24
28
32
36
40
0
10
20
30
40
50
60
70
80
S(Cu) (cm²)
Rth(j-a) (°C/W)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com