Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098BBLR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 7Page - STMicroelectronics STW5098BBLR Datasheet HTML 8Page - STMicroelectronics STW5098BBLR Datasheet HTML 9Page - STMicroelectronics STW5098BBLR Datasheet HTML 10Page - STMicroelectronics STW5098BBLR Datasheet HTML 11Page - STMicroelectronics STW5098BBLR Datasheet HTML 12Page - STMicroelectronics STW5098BBLR Datasheet HTML 13Page - STMicroelectronics STW5098BBLR Datasheet HTML 14Page - STMicroelectronics STW5098BBLR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 85 page
background image
STw5098
Pinout
11/85
C5
DIOD
1SDA/SDIN
Control interface serial data input-output in I2C mode (SDA). Control
interface serial data input in SPI mode (SDIN).
C6
DIO
2AD_CK
Serial data clock for stereo A/D converter
C7
DO
1AD_DATA
Serial data out for stereo A/D converter
C8
DIO
1AD_SYNC
Frame sync for stereo A/D converter
C9
DO
2IRQ
Programmable interrupt output. Active low signal.
C10
AO
2MBIAS
Microphone biasing pin. Fixed voltage reference
C11
AO
1MBIAS
Microphone biasing pin. Fixed voltage reference
D1
AI
2AUX1L
Left and right channel single ended pins for microphone or line input
D2
AI
1AUX1L
Left and right channel single ended pins for microphone or line input
D3
AI
1MICLN
Left and right channel differential pins for microphone input
D4
P
VCC
Power supply pin for the digital section.
Operating range: from 1.71V to 2.7V
D5
P
VCCIO
Power supply pin for the digital I
⁄ O buffers.
Operating ranges: from 1.2V to 1.8V and from 1.71V to VCC
D6
DIO
1DA_CK
Serial data clock for stereo D/A converter
D7
DI
1AS/CSB
Control interface address select in I2C mode (AS)
Interface enable signal in SPI mode (CSB)
D8
DO
1IRQ
Programmable interrupt output. Active low signal.
D9
P
VCCA
Power supply pin for the analog section.
Standard operating range: from 2.7V to 3.3V
Low voltage (LV) range: from 2.4V to 2.7V
D10
AI
1AUX1R
Left and right channel single ended pins for microphone or line input
D11
AI
2AUX1R
Left and right channel single ended pins for microphone or line input
E1
AI
2AUX3L
Left and right channel single ended pins for microphone or line input
E2
AI
1AUX3L
Left and right channel single ended pins for microphone or line input
E3
AI
1MICLP
Left and right channel differential pins for microphone input
E4
AI
2MICLN
Left and right channel differential pins for microphone input
E8
AI
2CAPLINEIN
A capacitor must be connected between CAPLINEIN and ground
E9
AI
1MICRN
Left and right channel differential pins for microphone input
E10
AI
2AUX3R
Left and right channel single ended pins for microphone or line input
E11
AI
2MICRN
Left and right channel differential pins for microphone input
F1
AI
2CAPMIC
A capacitor must be connected between CAPMIC and ground.
F2
AI
1CAPMIC
A capacitor must be connected between CAPMIC and ground
F3
P
GNDA
Ground pin for the analog section
F4
AI
2MICLP
Left and right channel differential pins for microphone input
Table 1.
STw5098 pin description
Position
Type
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com