Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098BBLR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STW5098BBLR
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STW5098BBLR Datasheet HTML 10Page - STMicroelectronics STW5098BBLR Datasheet HTML 11Page - STMicroelectronics STW5098BBLR Datasheet HTML 12Page - STMicroelectronics STW5098BBLR Datasheet HTML 13Page - STMicroelectronics STW5098BBLR Datasheet HTML 14Page - STMicroelectronics STW5098BBLR Datasheet HTML 15Page - STMicroelectronics STW5098BBLR Datasheet HTML 16Page - STMicroelectronics STW5098BBLR Datasheet HTML 17Page - STMicroelectronics STW5098BBLR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 85 page
background image
Pinout
STw5098
14/85
K8
AO
1EARNS
EARPS, EARNS (sense) pins must be connected on the application
board to EARP, EARN pins respectively. The connection must be as
close as possible to the pins.
K9
P
VCCLS
Power supply pins for the mono differential output driver. Operating
range: from VCCA to 5.5V
K10
AO
1ORP
Audio differential line out amplifier for left and right channels. This
outputs can drive up to 1k
Ω resistive load. Can be used as single
ended output.
K11
P
GNDP
Ground pin for the left, right and mono-differential output drivers.
GNDP and GNDA must be connected together.
L1
P
VCCP
Power supply pin for the left and right output drivers (headphones
and line-out).
Operating range: from VCCA to 3.3V
L2
P
GNDP
Ground pin for the left, right and mono-differential output drivers.
GNDP and GNDA must be connected together.
L3
AO
1VCMHPS
VCMHPS (sense) pin must be connected on the application board to
VCMHP pin. The connection must be as close as possible to the
pins.
L4
AO
2VCMHP
Common mode voltage headphones output. The negative pins of
headphones left and right speakers can be connected to this pin to
avoid decoupling capacitors.
L5
AO
2LSPS
LSPS, LSNS (sense) pins must be connected on the application
board to LSP, LSN pins respectively. The connection must be as
close as possible to the pins.
L6
AO
2LSP
Analog differential loudspeaker amplifier output for Left channel or
Right channel or the sum of both. This output can drive 50nF (with
series resistor) or directly an earpiece transductor of 8
Ω.; It can
deliver up to 500mW.
L7
AI
2CAPLS
A capacitor can be connected between this node and ground
L8
AO
2LSN
Analog differential loudspeaker amplifier output for Left channel or
Right channel or the sum of both. This output can drive 50nF (with
series resistor) or directly an earpiece transductor of 8
Ω. Can deliver
up to 500mW.
L9
AO
2LSNS
LSPS, LSNS (sense) pins must be connected on the application
board to LSP, LSN pins respectively. The connection must be as
close as possible to the pins.
L10
P
VCCP
Power supply pin for the left and right output drivers (headphones
and line-out). Operating range: from VCCA to 3.3V
L11
AO
2HPR
Audio single ended headphones amplifier outputs for left and right
channels. The outputs can drive 50nF (with series resistor) or
directly an earpiece transductor of 16
Ω.
Table 1.
STw5098 pin description
Position
Type
Pin name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com