Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW5098BBLF Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW5098BBLF
Description  Dual low power asynchronous stereo audio Codec with integrated power amplifiers
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5098BBLF Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW5098BBLF Datasheet HTML 4Page - STMicroelectronics STW5098BBLF Datasheet HTML 5Page - STMicroelectronics STW5098BBLF Datasheet HTML 6Page - STMicroelectronics STW5098BBLF Datasheet HTML 7Page - STMicroelectronics STW5098BBLF Datasheet HTML 8Page - STMicroelectronics STW5098BBLF Datasheet HTML 9Page - STMicroelectronics STW5098BBLF Datasheet HTML 10Page - STMicroelectronics STW5098BBLF Datasheet HTML 11Page - STMicroelectronics STW5098BBLF Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 85 page
background image
Overview
STw5098
8/85
1
Overview
Dual 20 bit audio resolution, 8kHz to 96kHz independent rate ADC and DAC
Dual I2S/PCM digital interfaces for dual master
Sustain complex voice and audio flow with or without mixing
Two I2C/SPI compatible independent control interfaces
Asynchronous sampling ADC and DAC that do not require oversampled clock and
information on the audio data sampling frequency (fs). Jitter tolerant fs
Wide master clock range from 4MHz to 32MHz
Two stereo headphones drivers, hand free loudspeaker driver, line out drivers
Mixable analog line inputs
Voice filters: 8/16kHz with voice channel filters
Automatic gain control for microphone and line-in inputs
Four programmable master/slave serial audio data interfaces: I2S, SPI, PCM
compatible and other formats
Frequency programmable clock outputs
Multibit
Σ∆ modulators with data weighted averaging ADC and DAC
Four DSP functions for bass-treble-volume control, mute, mono/stereo selection, voice
channel filters, de-emphasis filter and dynamic compression
93 dB dynamic range ADC, 0.001% THD with full scale with full scale output @ 2.7V
95 dB dynamic range DAC, 0.02% THD performance @ 2.7V over 16
Ω load
Analog inputs
Selectable stereo differential or single-ended microphone amplifier inputs with 51dB
range programmable gain
2 microphone biasing output
Microphone plug-in and push-button detection input
Selectable stereo differential or single-ended line inputs with 38dB range
programmable gain
Analog output drivers
2 Stereo headphones outputs. driving capability: 40mW (0.1% THD) over 16
Ω with
40dB range programmable gain
Common mode voltage headphones driver (phantom ground)
1 Balanced loudspeaker output with driving capability up to 500mW (VCCLS>3.5V; 1%
THD) over 8
Ω with 30dB range programmable gain
1 Balanced earphone output with driving capability up to 125mW
Transient suppression filter during power up and power down
Balanced/unbalanced stereo line outputs with 1 k
Ω driving capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com